Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADN4605 Datasheet (PDF) - Analog Devices

ADN4605 Datasheet PDF - Analog Devices
Part # ADN4605
Download  ADN4605 Download
File Size   2313.71 Kbytes
Page   56 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 4.25 Gbps 40 횞 40 Digital Crosspoint Switch 3 dB, 6 dB, or 12 dB boost

ADN4605 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADN4605 Datasheet PDF - Analog Devices

Part # ADN4605
Download  ADN4605 Click to download

File Size   2313.71 Kbytes
Page   56 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 4.25 Gbps 40 횞 40 Digital Crosspoint Switch 3 dB, 6 dB, or 12 dB boost

ADN4605 Datasheet (HTML) - Analog Devices


ADN4605 Product details

GENERAL DESCRIPTION
The ADN4605 is a 40 × 40 asynchronous, protocol agnostic, digital crosspoint switch, with 40 differential PECL/CML compatible inputs and 40 differential programmable CML outputs.

FEATURES
    DC to 4.25 Gbps per port NRZ data rate
    Adjustable receive equalization 3 dB, 6 dB, or 12 dB boost Compensates over 40 inches of FR4 at 4.25 Gbps
    Adjustable transmit preemphasis/deemphasis Programmable boost and output level Compensates over 40 inches of FR4 at 4.25 Gbps
    Low power 105 mW per channel at 2.5 V (400 mV p-p differential output level swing)
    40 × 40, fully differential, nonblocking array Double rank connection programming with dual maps
    Low jitter, typically <25 ps
    Flexible 2.5 V to 3.3 V supply range
    DC- or ac-coupled differential PECL/CML inputs
    Differential CML outputs
    Per-lane polarity inversion for routing ease
    50 Ω on-chip I/O termination with disable feature
    Supports 8b10b, scrambled or uncoded NRZ data
    Serial (IC slave or SPI) control interface
    Parallel control interface

APPLICATIONS
    Digital video (HDMI, DVI, DisplayPort, 3G/HD/SD-SDI)
    Fiber optic network switching
    High speed serial backplane routing to OC-48 with FEC
    XAUI, 4x Fibre Channel, Infiniband®, and GbE over backplane
    Data storage networks




Similar Part No. - ADN4605

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN4605 AD-ADN4605 Datasheet
1Mb / 56P
4.25 Gbps 40 횞 40 Digital
REV. A
ADN4605 AD-ADN4605 Datasheet
2Mb / 56P
4.25 Gbps 40 × 40 Digital Crosspoint Switch
Rev. B
ADN4605-EVALZ AD-ADN4605-EVALZ Datasheet
1Mb / 56P
4.25 Gbps 40 횞 40 Digital
REV. A
ADN4605-EVALZ AD-ADN4605-EVALZ Datasheet
2Mb / 56P
4.25 Gbps 40 × 40 Digital Crosspoint Switch
Rev. B
ADN4605ABPZ AD-ADN4605ABPZ Datasheet
1Mb / 56P
4.25 Gbps 40 횞 40 Digital
REV. A
More results


Similar Description - ADN4605

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN4600 AD-ADN4600 Datasheet
1Mb / 28P
4.25 Gbps, 8 횞 8, Asynchronous Crosspoint Switch
REV. 0
ADN4604 AD-ADN4604 Datasheet
1Mb / 40P
4.25 Gbps, 16 횞 16, Digital Crosspoint Switch
REV. 0
ADN4605_1111 AD-ADN4605_1111 Datasheet
1Mb / 56P
4.25 Gbps 40 횞 40 Digital
REV. A
logo
Pasternack Enterprises,...
PE15A1012 PASTERNACK-PE15A1012 Datasheet
406Kb / 3P
40 dB Gain, 0.8 dB NF, 18 dBm, 10 MHz to
PE15A3595 PASTERNACK-PE15A3595 Datasheet
487Kb / 6P
Gain of 40 dB typ
PE15A1028 PASTERNACK-PE15A1028 Datasheet
520Kb / 5P
40 dB Gain, 0.7 dB NF, 12 dBm P1dB, 1.2 GHz
PE15A3023 PASTERNACK-PE15A3023 Datasheet
459Kb / 6P
12 dBm P1dB, 30 MHz to 40 GHz, Medium Power Broadband Amplifier, 25 dB Gain, 6 dB NF, 2.92mm
logo
Analog Devices
HMC347A AD-HMC347A Datasheet
457Kb / 6P
High Isolation: >40 dB @ 20 GHz
logo
PCTEL, Inc.
GPS-TMG-40N PCTEL-GPS-TMG-40N Datasheet
69Kb / 1P
40 dB Internal Amplifier
logo
List of Unclassifed Man...
XD3915 ETC-XD3915 Datasheet
14Mb / 27P
3 dB/step, 30 dB Range
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com