Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADN4605 Datasheet (PDF) - Analog Devices

ADN4605 Datasheet PDF - Analog Devices
Part # ADN4605
Download  ADN4605 Download
File Size   2075.06 Kbytes
Page   56 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 4.25 Gbps 40 × 40 Digital Crosspoint Switch

ADN4605 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADN4605 Datasheet PDF - Analog Devices

Part # ADN4605
Download  ADN4605 Click to download

File Size   2075.06 Kbytes
Page   56 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 4.25 Gbps 40 × 40 Digital Crosspoint Switch

ADN4605 Datasheet (HTML) - Analog Devices


ADN4605 Product details

FEATURES
DC to 4.25 Gbps per port NRZ data rate Adjustable receive equalization
3 dB, 6 dB, or 12 dB boost
Compensates over 40 inches of FR4 at 4.25 Gbps Adjustable transmit preemphasis/deemphasis
Programmable boost and output level
Compensates over 40 inches of FR4 at 4.25 Gbps Low power
105 mW per channel at 2.5 V (400 mV p-p differential output level swing)
40 × 40, fully differential, nonblocking array
Double rank connection programming with dual maps Low jitter, typically <25 ps Flexible 2.5 V to 3.3 V supply range
DC- or ac-coupled differential PECL/CML inputs
Differential CML outputs
Per-lane polarity inversion for routing ease 50 Ω on-chip I/O termination with disable feature Supports 8b10b, scrambled or uncoded NRZ data Serial (IC slave or SPI) control interface Parallel control interface

APPLICATIONS
Digital video (HDMI, DVI, DisplayPort, 3G/HD/SD-SDI) Fiber optic network switching
High speed serial backplane routing to OC-48 with FEC XAUI, 4x Fibre Channel, Infiniband®, and GbE over backplane
Data storage networks




Similar Part No. - ADN4605

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN4605 AD-ADN4605 Datasheet
2Mb / 56P
4.25 Gbps 40 횞 40 Digital Crosspoint Switch 3 dB, 6 dB, or 12 dB boost
REV. 0
ADN4605 AD-ADN4605 Datasheet
1Mb / 56P
4.25 Gbps 40 횞 40 Digital
REV. A
ADN4605-EVALZ AD-ADN4605-EVALZ Datasheet
2Mb / 56P
4.25 Gbps 40 횞 40 Digital Crosspoint Switch 3 dB, 6 dB, or 12 dB boost
REV. 0
ADN4605-EVALZ AD-ADN4605-EVALZ Datasheet
1Mb / 56P
4.25 Gbps 40 횞 40 Digital
REV. A
ADN4605ABPZ AD-ADN4605ABPZ Datasheet
2Mb / 56P
4.25 Gbps 40 횞 40 Digital Crosspoint Switch 3 dB, 6 dB, or 12 dB boost
REV. 0
More results


Similar Description - ADN4605

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC018 NSC-CLC018 Datasheet
217Kb / 18P
8 x 8 Digital Crosspoint Switch, 1.4 Gbps
logo
Analog Devices
AD8150 AD-AD8150 Datasheet
995Kb / 35P
33 x 17, 1.5 Gbps Digital Crosspoint Switch
REV.0
AD8156 AD-AD8156 Datasheet
537Kb / 20P
6.25 Gbps 4횞4 Digital Crosspoint Switch with EQ
5/07-Revision 0
logo
National Semiconductor ...
CLC018 NSC-CLC018_06 Datasheet
663Kb / 17P
8 x 8 Digital Crosspoint Switch, 1.485 Gbps
logo
Analog Devices
ADN4600 AD-ADN4600 Datasheet
1Mb / 28P
4.25 Gbps, 8 횞 8, Asynchronous Crosspoint Switch
REV. 0
ADN4604 AD-ADN4604 Datasheet
1Mb / 40P
4.25 Gbps, 16 횞 16, Digital Crosspoint Switch
REV. 0
ADN4605 AD-ADN4605 Datasheet
2Mb / 56P
4.25 Gbps 40 횞 40 Digital Crosspoint Switch 3 dB, 6 dB, or 12 dB boost
REV. 0
ADN4605_1111 AD-ADN4605_1111 Datasheet
1Mb / 56P
4.25 Gbps 40 횞 40 Digital
REV. A
AD8152JBPZ AD-AD8152JBPZ Datasheet
1Mb / 32P
34  34, 3.2 Gbps Asynchronous Digital Crosspoint Switch
REV. A
ADV7672 AD-ADV7672 Datasheet
70Kb / 2P
40 Gbps HDMI 2:2 Crosspoint Transceiver
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com