Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

36150 Datasheet (PDF) - Tyco Electronics

36150 Datasheet PDF - Tyco Electronics
Part # 36150
Download  36150 Download
File Size   77.62 Kbytes
Page   1 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description TERMINAL, RING TONGUE,PIDG TM WIRE SIZE, 22-16 AWG

36150 Datasheet (PDF)

Go To PDF Page Download Datasheet
36150 Datasheet PDF - Tyco Electronics

Part # 36150
Download  36150 Click to download

File Size   77.62 Kbytes
Page   1 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description TERMINAL, RING TONGUE,PIDG TM WIRE SIZE, 22-16 AWG

36150 Datasheet (HTML) - Tyco Electronics




Similar Part No. - 36150

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
36150 MACOM-36150 Datasheet
258Kb / 30P
Standard Terminals and Splices
logo
TE Connectivity Ltd
36150 TEC-36150 Datasheet
5Mb / 12P
PIDG TERMINALS & SPLICES
09/17
36150-0 TEC-36150-0 Datasheet
2Mb / 10P
Assorted Kits and Accessories
logo
Lumberg
361502 LUMBERG-361502 Datasheet
117Kb / 2P
RAST-5-Steckverbinder, Raster 5,0 mm
361502 LUMBERG-361502 Datasheet
535Kb / 4P
RAST 5 connectors, pitch 5.0 mm
More results


Similar Description - 36150

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
323914 MACOM-323914 Datasheet
80Kb / 1P
TERMINAL, NYLON - PIDG - RING TONGUE WIRE SIZE: 26-22
323915 MACOM-323915 Datasheet
53Kb / 1P
WIRE TERMINAL PIDG - RING TONGUE WIRE SIZE: 26-22
32835 MACOM-32835 Datasheet
44Kb / 1P
TERMINAL, RING TONGUE, PIDG, WIRE SIZE, 22-1 AWG
53410 MACOM-53410 Datasheet
85Kb / 1P
TERMINAL, RING TONGUE, PVF2, PIDG, WIRE SIZE: 22-16 AWG
53424 MACOM-53424 Datasheet
83Kb / 1P
TERMINAL, RING TONGUE, PVF2, PIDG WIRE SIZE: 12-10 AWG
36157 MACOM-36157 Datasheet
43Kb / 1P
TERMINAL, PIDG RING TONGUE, WIRE SIZE 16-14 AWG
320561 MACOM-320561 Datasheet
114Kb / 1P
TERMINAL, RING TONGUE, PIDG WIRE SIZE : 16-14 AWG
51864 MACOM-51864 Datasheet
203Kb / 2P
TERMINAL RING TONGUE, I.R., PIDG, WIRE SIZE, 16-14WG
logo
TE Connectivity Ltd
35110 TEC-35110 Datasheet
76Kb / 1P
TERMINAL, RING TONGUE, PIDG WIRE SIZE: 12 - 10 AWG
MS25036-148 TEC-MS25036-148 Datasheet
115Kb / 1P
TERMINAL, RING TONGUE, PIDG TM
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com