Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

53424 Datasheet (PDF) - Tyco Electronics

53424 Datasheet PDF - Tyco Electronics
Part # 53424
Download  53424 Download
File Size   83.64 Kbytes
Page   1 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description TERMINAL, RING TONGUE, PVF2, PIDG WIRE SIZE: 12-10 AWG

53424 Datasheet (PDF)

Go To PDF Page Download Datasheet
53424 Datasheet PDF - Tyco Electronics

Part # 53424
Download  53424 Click to download

File Size   83.64 Kbytes
Page   1 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description TERMINAL, RING TONGUE, PVF2, PIDG WIRE SIZE: 12-10 AWG

53424 Datasheet (HTML) - Tyco Electronics




Similar Part No. - 53424

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
5342-10T2 MOLEX3-5342-10T2 Datasheet
304Kb / 6P
2.54mm (.100") Pitch QF-50?? Right Angle, Dual Row, Single Polarization, Shrouded Header, 10 Circuits
5342-60910 MOLEX7-5342-60910 Datasheet
159Kb / 3P
2.50mm (.098") Pitch Mini-Lock??Wire-to-Board Header, Right Angle, Friction andPositive Lock, 9 Circuits, Lead-free
logo
Lapp.
53420250 LAPP-53420250 Datasheet
152Kb / 3P
SKINTOP® DIX-M
08.03.2022
53420260 LAPP-53420260 Datasheet
152Kb / 3P
SKINTOP® DIX-M
08.03.2022
logo
Aavid, Thermal Division...
534202B02853 AAVID-534202B02853 Datasheet
84Kb / 2P
For use with TO-220 packages
2/25/2003
More results


Similar Description - 53424

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-130171-1 MACOM-2-130171-1 Datasheet
52Kb / 1P
TERMINAL RING TONGUE, PIDG, WIRE SIZE 12:10
36150 MACOM-36150 Datasheet
77Kb / 1P
TERMINAL, RING TONGUE,PIDG TM WIRE SIZE, 22-16 AWG
32835 MACOM-32835 Datasheet
44Kb / 1P
TERMINAL, RING TONGUE, PIDG, WIRE SIZE, 22-1 AWG
130620 MACOM-130620 Datasheet
55Kb / 1P
TERMINAL, SPADE, RECTANGULAR TONGUE, PIDG, WIRE SIZE 12-10
50845-1 MACOM-50845-1 Datasheet
28Kb / 1P
WIRE TERMINAL PIDG-STRATO-THERM-RING TONGUE WIRE SIZE: 12-10
53410 MACOM-53410 Datasheet
85Kb / 1P
TERMINAL, RING TONGUE, PVF2, PIDG, WIRE SIZE: 22-16 AWG
323676 MACOM-323676 Datasheet
58Kb / 1P
WIRE TERMINAL PIDG, RING TONGUE
36157 MACOM-36157 Datasheet
43Kb / 1P
TERMINAL, PIDG RING TONGUE, WIRE SIZE 16-14 AWG
320561 MACOM-320561 Datasheet
114Kb / 1P
TERMINAL, RING TONGUE, PIDG WIRE SIZE : 16-14 AWG
logo
TE Connectivity Ltd
35110 TEC-35110 Datasheet
76Kb / 1P
TERMINAL, RING TONGUE, PIDG WIRE SIZE: 12 - 10 AWG
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com