Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

143-985 Datasheet (PDF) - Tyco Electronics

143-985 Datasheet PDF - Tyco Electronics
Part # 143-985
Download  143-985 Download
File Size   48.37 Kbytes
Page   1 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Shrouded Patch Cord 4mm Plugs

143-985 Datasheet (PDF)

Go To PDF Page Download Datasheet
143-985 Datasheet PDF - Tyco Electronics

Part # 143-985
Download  143-985 Click to download

File Size   48.37 Kbytes
Page   1 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Shrouded Patch Cord 4mm Plugs

143-985 Datasheet (HTML) - Tyco Electronics




Similar Part No. - 143-985

ManufacturerPart #DatasheetDescription
logo
Burland Technology Solu...
143-9WR-M039 BURLAND-143-9WR-M039 Datasheet
1Mb / 7P
BOARDROOM TABLE MODULES
More results


Similar Description - 143-985

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
5931 POMONA-5931 Datasheet
70Kb / 1P
Panel Mount 4mm Banana Jack For Sheathed Plugs
72927 POMONA-72927 Datasheet
180Kb / 1P
Insulated BNC (M) / 4mm Plugs
logo
List of Unclassifed Man...
GP1575254A02 ETC2-GP1575254A02 Datasheet
820Kb / 8P
4mm thick GPS Patch Antenna
P252100 ETC2-P252100 Datasheet
211Kb / 2P
LEAD 4MM STACKING SHEATHED PLUGS
logo
Taoglas antenna solutio...
GP1575.12.4.A.02 TAOGLAS-GP1575.12.4.A.02 Datasheet
655Kb / 12P
4mm thick GPS Patch Antenna
GP1575124A02 TAOGLAS-GP1575124A02 Datasheet
683Kb / 12P
4mm thick Patch Antenna1575MHz
logo
Switchcraft, Inc.
18QA18 SWITCH-18QA18 Datasheet
63Kb / 2P
PATCH CORD
18QB18 SWITCH-18QB18 Datasheet
63Kb / 2P
PATCH CORD
18QN18 SWITCH-18QN18 Datasheet
63Kb / 2P
PATCH CORD
logo
PHOENIX CONTACT
3048577 PHOENIX-3048577 Datasheet
72Kb / 4P
Test plugs - MPS-MT/ 4MM
09/12/2020
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com