Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIP32458 Datasheet (PDF) - Vishay Siliconix

SIP32458 Datasheet PDF - Vishay Siliconix
Part # SIP32458
Download  SIP32458 Download
File Size   213.57 Kbytes
Page   10 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description 20 mohm, Slew Rate Controlled Load Switch in WCSP6

SIP32458 Datasheet (PDF)

Go To PDF Page Download Datasheet
SIP32458 Datasheet PDF - Vishay Siliconix

Part # SIP32458
Download  SIP32458 Click to download

File Size   213.57 Kbytes
Page   10 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description 20 mohm, Slew Rate Controlled Load Switch in WCSP6

SIP32458 Datasheet (HTML) - Vishay Siliconix


SIP32458 Product details

DESCRIPTION
SiP32458 and SiP32459 are slew rate controlled integrated high side load switches that operate in the input voltage range from 1.5 V to 5.5 V.
SiP32458 and SiP32459 are of P-channel MOSFET switching element with integrated gate pump that provides 20 m switch on resistance over a wide input voltage range.

FEATURES
• Low input voltage, 1.5 V to 5.5 V
• Low RON, 20 m typical at 5 V
• Slew rate control
• Low logic control
• Reverse current blocking when disabled (SiP32458, without output discharge switch)
• Integrated output discharge switch (SiP32459 only)
• Integrated pull down resistor at EN pin
• 6 bumps WCSP package
• Material categorization: For definitions of compliance please see www.vishay.com/doc?9991

APPLICATIONS
• Battery operated devices
• Smart phones
• GPS and PMP
• Computer
• Medical and healthcare equipment
• Industrial and instrument
• Cellular phones and portable media players
• Game console




Similar Part No. - SIP32458

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIP32458 VISHAY-SIP32458 Datasheet
241Kb / 11P
20 mΩ, Slew Rate Controlled Load Switch in WCSP6
06-Jul-2020
SIP32458DB-T2-GE1 VISHAY-SIP32458DB-T2-GE1 Datasheet
241Kb / 11P
20 mΩ, Slew Rate Controlled Load Switch in WCSP6
06-Jul-2020
SIP32458 VISHAY-SIP32458_13 Datasheet
215Kb / 11P
20 m, Slew Rate Controlled Load Switch in WCSP6
12-Nov-12
SIP32458 VISHAY-SIP32458_V01 Datasheet
241Kb / 11P
20 mΩ, Slew Rate Controlled Load Switch in WCSP6
06-Jul-2020
More results


Similar Description - SIP32458

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT4280 ANALOGICTECH-AAT4280 Datasheet
423Kb / 14P
Slew Rate Controlled Load Switch
logo
Advanced Analog Technol...
AAT4250 AAT-AAT4250 Datasheet
189Kb / 13P
Slew Rate Controlled Load Switch
2006.03.1.3
AAT4280 AAT-AAT4280 Datasheet
385Kb / 14P
Slew Rate Controlled Load Switch
2006.11.1.4
logo
Advanced Analogic Techn...
AAT4280A_0511 ANALOGICTECH-AAT4280A_0511 Datasheet
201Kb / 14P
Slew Rate Controlled Load Switch
AAT4250 ANALOGICTECH-AAT4250_06 Datasheet
189Kb / 13P
Slew Rate Controlled Load Switch
AAT4280 ANALOGICTECH-AAT4280_06 Datasheet
385Kb / 14P
Slew Rate Controlled Load Switch
AAT4282A ANALOGICTECH-AAT4282A_08 Datasheet
607Kb / 13P
Slew Rate Controlled Load Switch
logo
Skyworks Solutions Inc.
AAT4282B SKYWORKS-AAT4282B Datasheet
1Mb / 13P
Slew Rate Controlled Load Switch
logo
Vishay Siliconix
SIP32458 VISHAY-SIP32458_13 Datasheet
215Kb / 11P
20 m, Slew Rate Controlled Load Switch in WCSP6
12-Nov-12
SIP32458 VISHAY-SIP32458_V01 Datasheet
241Kb / 11P
20 mΩ, Slew Rate Controlled Load Switch in WCSP6
06-Jul-2020
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com