Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD608AR Datasheet (PDF) - Analog Devices

AD608AR Datasheet PDF - Analog Devices
Part # AD608AR
Download  AD608AR Download
File Size   326.85 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low Power Mixer/Limiter/RSSI 3 V Receiver IF Subsystem

AD608AR Datasheet (PDF)

Go To PDF Page Download Datasheet
AD608AR Datasheet PDF - Analog Devices

Part # AD608AR
Download  AD608AR Click to download

File Size   326.85 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low Power Mixer/Limiter/RSSI 3 V Receiver IF Subsystem

AD608AR Datasheet (HTML) - Analog Devices


AD608AR Product details

GENERAL DESCRIPTION
The AD608 provides a low power, low distortion, low noise mixer as well as a complete, monolithic logarithmic/limiting amplifier that uses a successive-detection technique. In addition, the AD608 provides both a high speed received signal strength indicator (RSSI) output with 80 dB dynamic range and a hard-limited output.
   
FEATURES
    Mixer
        −15 dBm, 1 dB compression point
        −5 dBm IP3
        24 dB conversion gain
        >500 MHz input bandwidth
    Logarithmic/limiting amplifier
        80 dB RSSI range
        ±3° phase stability over 80 dB range
    Low power
        21 mW at 3 V power consumption
        CMOS-compatible power-down to 300 μW typical
        200 ns enable/disable time
   
APPLICATIONS
    PHS, GSM, TDMA, FM, or PM receivers
    Battery-powered instrumentation
    Base station RSSI measurements
   




Similar Part No. - AD608AR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD608AR AD-AD608AR Datasheet
196Kb / 12P
Low Power Mixer/Limiter/RSSI 3 V Receiver IF Subsystem
More results


Similar Description - AD608AR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD607 AD-AD607 Datasheet
510Kb / 24P
Low Power Mixer/AGC/RSSI 3 V Receiver IF Subsystem
AD608 AD-AD608 Datasheet
196Kb / 12P
Low Power Mixer/Limiter/RSSI 3 V Receiver IF Subsystem
AD6458 AD-AD6458 Datasheet
268Kb / 12P
GSM 3 V Receiver IF Subsystem
AD6459 AD-AD6459 Datasheet
314Kb / 12P
GSM 3 V Receiver IF Subsystem
AD61009 AD-AD61009 Datasheet
261Kb / 24P
Low Power Mixer 3 V Receiver IF Subsystem
REV.0
logo
Maxim Integrated Produc...
MAX2511 MAXIM-MAX2511_97 Datasheet
126Kb / 16P
Low-Voltage IF Transceiver with Limiter and RSSI
Rev 0; 10/97
logo
Analog Devices
AD607ARSZ AD-AD607ARSZ Datasheet
1Mb / 24P
Low Power Mixer 3 V Receiver IF Subsystem
REV. C
AD607 AD-AD607_15 Datasheet
1Mb / 24P
Low Power Mixer 3 V Receiver IF Subsystem
REV. C
AD608 AD-AD608_15 Datasheet
326Kb / 16P
Low Power Mixer/Limiter/RSSI 3 V Receiver IF Subsystem
REV. C
AD61009 AD-AD61009_15 Datasheet
262Kb / 24P
Low Power Mixer 3 V Receiver IF Subsystem
REV. 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com