Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCPL-2200 Datasheet (PDF) - AVAGO TECHNOLOGIES LIMITED

HCPL-2200 Datasheet PDF - AVAGO TECHNOLOGIES LIMITED
Part # HCPL-2200
Download  HCPL-2200 Download
File Size   426.54 Kbytes
Page   13 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description Low Input Current Logic Gate Optocouplers

HCPL-2200 Datasheet (PDF)

Go To PDF Page Download Datasheet
HCPL-2200 Datasheet PDF - AVAGO TECHNOLOGIES LIMITED

Part # HCPL-2200
Download  HCPL-2200 Click to download

File Size   426.54 Kbytes
Page   13 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description Low Input Current Logic Gate Optocouplers

HCPL-2200 Datasheet (HTML) - AVAGO TECHNOLOGIES LIMITED


HCPL-2200 Product details

Description
The HCPL-2200/2219 are optically coupled logic gates that combine a GaAsP LED and an integrated high gain photo detector. The detector has a three state output stage and has a detector threshold with hysteresis. The three state output eliminates the need for a pullup resistor and allows for direct drive of data busses. The hysteresis provides differential mode noise immunity and eliminates the potential for output signal chatter.

Features
• 2.5 kV/µs minimum Common Mode Rejection (CMR) at VCM = 400 V (HCPL-2219)
• Compatible with LSTTL, TTL, and CMOS logic
• Wide VCC range (4.5 to 20 V)
• 2.5 Mbd guaranteed over temperature
• Low input current (1.6 mA)
• Three state output (no pullup resistor required)
• Guaranteed performance from 0°C to 85°C
• Hysteresis
• Safety approval
    – UL recognized -3750 V rms for 1 minute
    – CSA approved
    – IEC/EN/DIN EN 60747-5-2 approved with VIORM = 630 V peak (HCPL-2219 Option 060 only)
• MIL-PRF-38534 hermetic version available (HCPL-5200/1)

Applications
• Isolation of high speed logic systems
• Computer-peripheral interfaces
• Microprocessor system interfaces
• Ground loop elimination
• Pulse transformer replacement
• Isolated buss driver
• High speed line receiver




Similar Part No. - HCPL-2200

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-2200 HP-HCPL-2200 Datasheet
204Kb / 11P
Low Input Current Logic Gate Optocouplers
HCPL-2200 HP-HCPL-2200 Datasheet
239Kb / 15P
Very High CMR, Wide VCC Logic Gate Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-2200 AVAGO-HCPL-2200 Datasheet
426Kb / 13P
Low Input Current Logic Gate Optocouplers
HCPL-2200-000E AVAGO-HCPL-2200-000E Datasheet
426Kb / 13P
Low Input Current Logic Gate Optocouplers
HCPL-2200-300E AVAGO-HCPL-2200-300E Datasheet
426Kb / 13P
Low Input Current Logic Gate Optocouplers
More results


Similar Description - HCPL-2200

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MCT5200 FAIRCHILD-MCT5200 Datasheet
169Kb / 11P
LOW INPUT CURRENT PHOTOTRANSISTOR OPTOCOUPLERS
logo
Agilent(Hewlett-Packard...
6N139 HP-6N139 Datasheet
259Kb / 16P
Low Input Current, High Gain Optocouplers
HCPL-2200 HP-HCPL-2200 Datasheet
204Kb / 11P
Low Input Current Logic Gate Optocouplers
logo
Fairchild Semiconductor
FOD2200 FAIRCHILD-FOD2200 Datasheet
210Kb / 14P
LOW INPUT CURRENT LOGIC GATE OPTOCOUPLERS
MCT5201M FAIRCHILD-MCT5201M Datasheet
290Kb / 12P
Low Input Current Phototransistor Optocouplers
FOD2200 FAIRCHILD-FOD2200_08 Datasheet
280Kb / 11P
Low Input Current Logic Gate Optocouplers
MCT5201M_0810 FAIRCHILD-MCT5201M_0810 Datasheet
293Kb / 12P
Low Input Current Phototransistor Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-2219-300E AVAGO-HCPL-2219-300E Datasheet
426Kb / 13P
Low Input Current Logic Gate Optocouplers
HCPL-2200-000E AVAGO-HCPL-2200-000E Datasheet
426Kb / 13P
Low Input Current Logic Gate Optocouplers
logo
Skyworks Solutions Inc.
OLH5700 SKYWORKS-OLH5700 Datasheet
441Kb / 6P
Hermetic Low Input Current Optocouplers
June 21, 2017
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com