Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCPL-J312 Datasheet (PDF) - AVAGO TECHNOLOGIES LIMITED

HCPL-J312 Datasheet PDF - AVAGO TECHNOLOGIES LIMITED
Part # HCPL-J312
Download  HCPL-J312 Download
File Size   465.8 Kbytes
Page   24 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description 2.5 Amp Output Current IGBT Gate Drive Optocoupler

HCPL-J312 Datasheet (PDF)

Go To PDF Page Download Datasheet
HCPL-J312 Datasheet PDF - AVAGO TECHNOLOGIES LIMITED

Part # HCPL-J312
Download  HCPL-J312 Click to download

File Size   465.8 Kbytes
Page   24 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description 2.5 Amp Output Current IGBT Gate Drive Optocoupler

HCPL-J312 Datasheet (HTML) - AVAGO TECHNOLOGIES LIMITED


HCPL-J312 Product details

Description

The HCPL-3120 contains a GaAsP LED while the HCPL-J312 and the HCNW3120 contain an AlGaAs LED. The LED is optically coupled to an integrated circuit with a power output stage. These optocouplers are ideally suited for driving power IGBTs and MOSFETs used in motor control inverter applications. The high operating voltage range of the output stage provides the drive voltages required by gate  controlled devices.



Features

• 2.5 A maximum peak output current

• 2.0 A minimum peak output current

• 25 kV/µs minimum Common Mode Rejection (CMR) at  VCM = 1500 V

• 0.5  V  maximum  low  level  output  voltage  (VOL) Eliminates need for negative gate drive

• ICC = 5 mA maximum supply current

• Under  Voltage  Lock-Out  protection (UVLO) with hysteresis

• Wide operating VCC range: 15 to 30 Volts

• 500 ns maximum switching speeds

• Industrial temperature range: -40°C to 100°C

• SafetyApproval:

  UL Recognized

     3750 Vrms for 1 min. for HCPL-3120/J312

     5000 Vrms for 1 min. for HCNW3120

  CSA Approval

  IEC/EN/DIN EN 60747-5-2 Approved

     VIORM = 630 Vpeak for HCPL-3120 (Option 060)

     VIORM = 891 Vpeak for HCPL-J312

     VIORM = 1414 Vpeak for HCNW3120



Applications

•  IGBT/MOSFET gate drive

•  AC/Brushless DC motor drives

•  Industrial inverters

•  Switch mode power supplies



 




Similar Part No. - HCPL-J312

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-J312-000E AVAGO-HCPL-J312-000E Datasheet
507Kb / 24P
2.5 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-J312-300E AVAGO-HCPL-J312-300E Datasheet
507Kb / 24P
2.5 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-J312-500E AVAGO-HCPL-J312-500E Datasheet
507Kb / 24P
2.5 Amp Output Current IGBT Gate Drive Optocoupler
More results


Similar Description - HCPL-J312

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-5150 HP-HCPL-5150 Datasheet
193Kb / 16P
0.5 Amp Output Current IGBT Gate Drive Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-314J AVAGO-HCPL-314J_11 Datasheet
212Kb / 14P
0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-3120-500E AVAGO-HCPL-3120-500E Datasheet
409Kb / 25P
2.5 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-314J-500E AVAGO-HCPL-314J-500E Datasheet
212Kb / 14P
0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-3120-300E AVAGO-HCPL-3120-300E Datasheet
465Kb / 24P
2.5 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-3120-000E AVAGO-HCPL-3120-000E Datasheet
465Kb / 24P
2.5 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-3120-560E AVAGO-HCPL-3120-560E Datasheet
507Kb / 24P
2.5 Amp Output Current IGBT Gate Drive Optocoupler
ACPL-332J-500E AVAGO-ACPL-332J-500E Datasheet
299Kb / 23P
2.5 Amp Output Current IGBT Gate Driver Optocoupler
ACPL-H342-000E AVAGO-ACPL-H342-000E Datasheet
707Kb / 19P
2.5 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-J314-300E AVAGO-HCPL-J314-300E Datasheet
324Kb / 16P
0.6 Amp Output Current IGBT Gate Drive Optocoupler
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com