Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCPL-J312 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # HCPL-J312
Description  2.5 Amp Output Current IGBT Gate Drive Optocoupler
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-J312 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  HCPL-J312 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HCPL-J312 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HCPL-J312 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HCPL-J312 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HCPL-J312 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-J312 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-J312 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-J312 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-J312 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
2
Selection Guide
 Part Number
HCPL-3120
HCPL-J312
HCNW3120
HCPL-3150*
 Output Peak Current ( IO) 
2.5 A 
2.5 A 
2.5 A 
0.6 A
 IEC/EN/DIN EN   
VIORM = 630 Vpeak 
VIORM = 891 Vpeak 
VIORM = 1414 Vpeak 
VIORM = 630 Vpeak 
 60747-5-2 Approval 
(Option 060) 
 
 
(Option 060)
*The HCPL-3150 Data sheet available. Contact Avago sales representative or authorized distributor.
Ordering Information
HCPL-3120 and HCPL-J312 are UL recognized with 3750 Vrms for 1 minute per UL1577. HCNW3120 is UL Recognized 
with 5000 Vrms for 1 minute per UL1577.
Option
Part
RoHS
Non RoHS
Surface
Gull
Tape
IEC/EN/DIN
Number
Compliant
Compliant
Package
Mount
Wing
& Reel
EN 60747-5-2
Quantity
  
-000E 
No option 
 
 
 
 
 
50 per tube 
 
-300E 
#300  
 
X 
X 
 
 
50 per tube 
HCPL-3120 
-500E 
#500 
 
X 
X 
X 
 
1000 per reel
 
-060E 
#060 
 
 
 
 
X 
50 per tube 
 
-360E 
#360 
 
X 
X 
 
X 
50 per tube 
 
-560E 
#560 
 
X 
X 
X 
X 
1000 per tube
 
-000E 
No option 
 
 
 
 
X 
50 per tube 
HCPL-J312 
-300E 
#300  
 
X 
X 
 
X 
50 per tube 
 
-500E 
#500 
 
X 
X 
X 
X 
1000 per reel
 
-000E 
No option 
 
 
 
 
X 
42 per tube 
HCNW3120 
-300E 
#300  
 
X 
X 
 
X 
42 per tube 
 
-500E 
#500 
 
X 
X 
X 
X 
750 per reel
To order, choose a part number from the part number column and combine with the desired option from the option 
column to form an order entry. 
Example 1: 
  HCPL-3120-560E to order product of 300 mil DIP Gull Wing Surface Mount package in Tape and Reel packaging with 
IEC/EN/DIN EN 60747-5-2 Safety Approval in RoHS compliant.
Example 2: 
    HCPL-3120 to order product of 300 mil DIP package in tube packaging and non RoHS compliant.
Option datasheets are available. Contact your Avago sales representative or authorized distributor for information.
Remarks: The notation ‘#XXX’ is used for existing products, while (new) products launched since 15th July 2001 and 
RoHS compliant option will use ‘-XXXE’.
300mil
DIP-8
300mil
DIP-8
400mil
DIP-8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com