Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCPL-J312 Datasheet(PDF) 21 Page - AVAGO TECHNOLOGIES LIMITED

Part # HCPL-J312
Description  2.5 Amp Output Current IGBT Gate Drive Optocoupler
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-J312 Datasheet(HTML) 21 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HCPL-J312 Datasheet HTML 16Page - AVAGO TECHNOLOGIES LIMITED HCPL-J312 Datasheet HTML 17Page - AVAGO TECHNOLOGIES LIMITED HCPL-J312 Datasheet HTML 18Page - AVAGO TECHNOLOGIES LIMITED HCPL-J312 Datasheet HTML 19Page - AVAGO TECHNOLOGIES LIMITED HCPL-J312 Datasheet HTML 20Page - AVAGO TECHNOLOGIES LIMITED HCPL-J312 Datasheet HTML 21Page - AVAGO TECHNOLOGIES LIMITED HCPL-J312 Datasheet HTML 22Page - AVAGO TECHNOLOGIES LIMITED HCPL-J312 Datasheet HTML 23Page - AVAGO TECHNOLOGIES LIMITED HCPL-J312 Datasheet HTML 24Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
21
  TJE  =  LED junction temperature 
  TJD  =  detector IC junction temperature 
  TC  =  case temperature measured at the center of the package bottom 
 
qLC  =  LED-to-case thermal resistance 
 
qLD  =  LED-to-detector thermal resistance 
 
qDC  =  detector-to-case thermal resistance 
 
qCA  =  case-to-ambient thermal resistance 
   *
qCA will depend on the board design and the placement of the part.
Figure 28. Thermal model.
HCPL-3120 fig 28
θLD = 442 °C/W
TJE
TJD
θLC = 467 °C/W
θDC = 126 °C/W
θCA = 83 °C/W*
TC
TA
TJE = LED JUNCTION TEMPERATURE
TJD = DETECTOR IC JUNCTION TEMPERATURE
TC = CASE TEMPERATURE MEASURED AT THE
CENTER OF THE PACKAGE BOTTOM
θLC = LED-TO-CASE THERMAL RESISTANCE
θLD = LED-TO-DETECTOR THERMAL RESISTANCE
θDC = DETECTOR-TO-CASE THERMAL RESISTANCE
θCA = CASE-TO-AMBIENT THERMAL RESISTANCE
*
θCA WILL DEPEND ON THE BOARD DESIGN AND
THE PLACEMENT OF THE PART.
LED Drive Circuit Considerations for Ultra High CMR Per-
formance. (Discussion applies to HCPL-3120, HCPL-J312,
and HCNW3120)
Without  a  detector  shield,  the  dominant  cause  of  op-
tocoupler  CMR  failure  is  capacitive  coupling  from  the 
input side of the optocoupler, through the package, to 
the detector IC as shown in Figure 29. The     HCPL-3120 
improves CMR perform-ance by using a detector IC with 
an optically transparent Faraday shield, which diverts the 
capacitively coupled current away from the sensitive IC 
circuitry. However, this shield does not eliminate the ca-
pacitive coupling between the LED and optocoupler pins 
5-8 as shown in Figure 30. This capacitive coupling causes 
Figure 29. Optocoupler input to output capacitance model for unshielded
optocouplers.
Figure 30. Optocoupler input to output capacitance model for shielded
optocouplers.
HCPL-3120 fig 29
1
3
2
4
8
6
7
5
CLEDP
CLEDN
HCPL-3120 fig 30
1
3
2
4
8
6
7
5
CLEDP
CLEDN
SHIELD
CLEDO1
CLEDO2
perturbations in the LED current during common mode 
transients and becomes the major source of CMR failures 
for a shielded optocoupler. The main design objective of 
a high CMR LED drive circuit becomes keeping the LED 
in  the  proper  state  (on  or  off)  during  common  mode 
transients.  For  example,  the  recommended  application 
circuit (Figure 25), can achieve 25 kV/µs CMR while mini-
mizing component complexity.
Techniques  to  keep  the  LED  in  the  proper  state  are 
discussed in the next two sections.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com