Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

54AC164245 Datasheet (PDF) - STMicroelectronics

54AC164245 Datasheet PDF - STMicroelectronics
Part # 54AC164245
Download  54AC164245 Download
File Size   285.34 Kbytes
Page   22 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Rad-hard 16-bit transceiver, 3.3 V to 5 V bidirectional level shifter

54AC164245 Datasheet (PDF)

Go To PDF Page Download Datasheet
54AC164245 Datasheet PDF - STMicroelectronics

Part # 54AC164245
Download  54AC164245 Click to download

File Size   285.34 Kbytes
Page   22 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Rad-hard 16-bit transceiver, 3.3 V to 5 V bidirectional level shifter

54AC164245 Datasheet (HTML) - STMicroelectronics


54AC164245 Product details

Description

The 54AC and 54ACT series represent over 60 product types with different high-speed CMOS functions, specifically designed to meet the radiation requirements of the aerospace industry. They include a large set of gates, flip-flops, multiplexers, counters, bus interfaces, and several other functions. Their radiation hardness, immunity from single event latch-up (SEL) and single event upset (SEU), and housing in hermetic packages make them suitable for the most difficult environmental conditions. The complete specification for each type is available from the DSCC web site: www.dscc.dla.mil. STMicroelectronics guarantees full compliance of qualified parts with these DSCC specifications.



Features

■ 2 to 6 V operating voltage

■ High speed TPD = 4.5 ns (typ.)

■ Low DC power dissipation: 8 µA max.

■ Symmetrical 24 mA output characteristics

■ High noise immunity: 28% of min. VCC

■ Power-down input protection

■ Balanced propagation delays

■ Improved electrical latch-up immunity

■ Controlled rise and fall times

■ Operating temperature: - 55 to 150 °C

■ Hermetic packages

■ Rad-hard: 300 kRad TID at any Mil1019 dose rates

■ SEL immune to 110 MeV/cm²/mg LET ions

■ RHA QML-V qualified

■ Same die and electrical specification for engineering and flight models



 




Similar Part No. - 54AC164245

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
54AC16472 TI1-54AC16472 Datasheet
163Kb / 8P
18-BIT REGISTERED TRANS CIEVERS WITH 3-STATE OUTPUTS
More results


Similar Description - 54AC164245

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ALVC164245 TI-SN74ALVC164245 Datasheet
489Kb / 20P
16-BIT 3.3-V TO 5-V LEVEL SHIFTING TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVC4245A TI-SN74LVC4245A Datasheet
215Kb / 13P
OCTAL BUS TRANSCEIVER AND 3.3-V TO 5-V SHIFTER WITH 3-STATE OUTPUTS
SN74ALVC164245DGGT TI-SN74ALVC164245DGGT Datasheet
328Kb / 15P
16-BIT 2.5-V 3.3-V 3.3V TO 5-V LEVEL-SHIFTING TRANSCEIVER
SN74ALVC164245 TI-SN74ALVC164245_07 Datasheet
625Kb / 22P
16-BIT 2.5-V TO 3.3-V/3.3-V TO 5-V LEVEL-SHIFTING TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVC164245 TI-SN74ALVC164245_08 Datasheet
655Kb / 22P
16-BIT 2.5-V TO 3.3-V/3.3-V TO 5-V LEVEL-SHIFTING TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVC4245A TI-SN74LVC4245A_08 Datasheet
404Kb / 15P
OCTAL BUS TRANSCEIVER AND 3.3-V TO 5-V SHIFTER WITH 3-STATE OUTPUTS
SN74ALVC164245-EP TI1-SN74ALVC164245-EP Datasheet
387Kb / 19P
16-BIT 2.5-V TO 3.3-V/3.3-V TO 5-V LEVEL-SHIFTING TRANSCEIVER WITH 3-STATE OUTPUTS
logo
STMicroelectronics
54C164245 STMICROELECTRONICS-54C164245 Datasheet
527Kb / 23P
Rad-hard 16-bit transceiver 3.3 V to 5 V bidirectional level shifter
28-Apr-2014
logo
Texas Instruments
SN74ALVC164245 TI1-SN74ALVC164245_14 Datasheet
1Mb / 23P
16-BIT 2.5-V TO 3.3-V/3.3-V TO 5-V LEVEL-SHIFTING TRANSCEIVER WITH 3-STATE OUTPUTS
logo
STMicroelectronics
54VCXH163245 STMICROELECTRONICS-54VCXH163245 Datasheet
1Mb / 19P
Rad-hard 16-bit transceiver, 1.8 V to 3.3 V bidirectional level shifter
14-Sep-2021
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com