Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

54VCXH163245 Datasheet (PDF) - STMicroelectronics

54VCXH163245 Datasheet PDF - STMicroelectronics
Part # 54VCXH163245
Download  54VCXH163245 Download
File Size   1153.13 Kbytes
Page   19 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Rad-hard 16-bit transceiver, 1.8 V to 3.3 V bidirectional level shifter

54VCXH163245 Datasheet (PDF)

Go To PDF Page Download Datasheet
54VCXH163245 Datasheet PDF - STMicroelectronics

Part # 54VCXH163245
Download  54VCXH163245 Click to download

File Size   1153.13 Kbytes
Page   19 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Rad-hard 16-bit transceiver, 1.8 V to 3.3 V bidirectional level shifter

54VCXH163245 Datasheet (HTML) - STMicroelectronics


54VCXH163245 Product details

Features
• Dual supply bidirectional level shifter
• Voltage range from 1.6 V to 3.6 V
• Separated enable pin for 3-state output
• Internal 26 Ω limiting resistor on each A side output buffer
• Bus hold
• Fail safe
• Cold spare
• Hermetic package
• 300 k/rad (Si) at any Mil1019 dose rate
• SEL immune to 110 MeV.cm2/mg LET ions

Description
The 54VCXH163245 is a rad-hard advanced high-speed CMOS, 16-bit bidirectional,
multi-purpose transceiver with 3-state outputs and cold sparing.
Designed to be used as an interface between a 3.3 V bus and a 1.8 V bus in mixed
3.3 V/1.8 V supply systems, it achieves high-speed operations while maintaining the
CMOS low power dissipation.
All pins have cold spare buffers to change them to high impedance when VDD is tied
to ground.
This IC is intended for a two-way asynchronous communication between data buses.
Product status link The direction of data transmission is determined by the nDIR inputs.




Similar Part No. - 54VCXH163245

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
54VCXH162244 STMICROELECTRONICS-54VCXH162244 Datasheet
489Kb / 11P
LOW VOLTAGE CMOS 16-BIT BUS BUFFER (3-STATE INV) WITH 3.6V TOLERANT INPUTS AND OUTPUTS
17-May-2005
54VCXH162244 STMICROELECTRONICS-54VCXH162244 Datasheet
473Kb / 17P
Low voltage CMOS 16-bit bus buffer (3-state inverter) with 3.6V tolerant inputs and outputs
30-Jul-2007
54VCXH162244 STMICROELECTRONICS-54VCXH162244 Datasheet
457Kb / 18P
Low voltage CMOS 16-bit bus buffer (3-state non inverter) with 3.6 V tolerant inputs and outputs
29-Jul-2011
54VCXH162244 STMICROELECTRONICS-54VCXH162244_07 Datasheet
473Kb / 17P
Low voltage CMOS 16-bit bus buffer (3-state inverter) with 3.6V tolerant inputs and outputs
30-Jul-2007
54VCXH162244 STMICROELECTRONICS-54VCXH162244_11 Datasheet
457Kb / 18P
Low voltage CMOS 16-bit bus buffer (3-state non inverter) with 3.6 V tolerant inputs and outputs
29-Jul-2011
More results


Similar Description - 54VCXH163245

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ALVC164245 TI-SN74ALVC164245 Datasheet
489Kb / 20P
16-BIT 3.3-V TO 5-V LEVEL SHIFTING TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVC164245DGGT TI-SN74ALVC164245DGGT Datasheet
328Kb / 15P
16-BIT 2.5-V 3.3-V 3.3V TO 5-V LEVEL-SHIFTING TRANSCEIVER
SN74ALVC164245 TI-SN74ALVC164245_07 Datasheet
625Kb / 22P
16-BIT 2.5-V TO 3.3-V/3.3-V TO 5-V LEVEL-SHIFTING TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVC164245 TI-SN74ALVC164245_08 Datasheet
655Kb / 22P
16-BIT 2.5-V TO 3.3-V/3.3-V TO 5-V LEVEL-SHIFTING TRANSCEIVER WITH 3-STATE OUTPUTS
logo
NXP Semiconductors
74LVTN16245B NXP-74LVTN16245B Datasheet
101Kb / 16P
3.3 V 16-bit transceiver; 3-state
Rev. 01-29 July 2009
logo
Texas Instruments
SN74ALVC164245-EP TI1-SN74ALVC164245-EP Datasheet
387Kb / 19P
16-BIT 2.5-V TO 3.3-V/3.3-V TO 5-V LEVEL-SHIFTING TRANSCEIVER WITH 3-STATE OUTPUTS
logo
STMicroelectronics
54AC164245 STMICROELECTRONICS-54AC164245 Datasheet
285Kb / 22P
Rad-hard 16-bit transceiver, 3.3 V to 5 V bidirectional level shifter
06-Apr-2012
54C164245 STMICROELECTRONICS-54C164245 Datasheet
527Kb / 23P
Rad-hard 16-bit transceiver 3.3 V to 5 V bidirectional level shifter
28-Apr-2014
logo
NXP Semiconductors
74LVTN16245B PHILIPS-74LVTN16245B_15 Datasheet
221Kb / 17P
3.3 V 16-bit transceiver; 3-state
Rev. 5-5 April 2012
logo
Texas Instruments
SN74ALVC164245 TI1-SN74ALVC164245_14 Datasheet
1Mb / 23P
16-BIT 2.5-V TO 3.3-V/3.3-V TO 5-V LEVEL-SHIFTING TRANSCEIVER WITH 3-STATE OUTPUTS
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com