Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

54VCXH163245 Datasheet(PDF) 3 Page - STMicroelectronics

Part # 54VCXH163245
Description  Rad-hard 16-bit transceiver, 1.8 V to 3.3 V bidirectional level shifter
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

54VCXH163245 Datasheet(HTML) 3 Page - STMicroelectronics

  54VCXH163245 Datasheet HTML 1Page - STMicroelectronics 54VCXH163245 Datasheet HTML 2Page - STMicroelectronics 54VCXH163245 Datasheet HTML 3Page - STMicroelectronics 54VCXH163245 Datasheet HTML 4Page - STMicroelectronics 54VCXH163245 Datasheet HTML 5Page - STMicroelectronics 54VCXH163245 Datasheet HTML 6Page - STMicroelectronics 54VCXH163245 Datasheet HTML 7Page - STMicroelectronics 54VCXH163245 Datasheet HTML 8Page - STMicroelectronics 54VCXH163245 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
1.1
Cold spare
The 54VCXH163245 features a cold spare input and output buffer. In high reliability applications, cold sparing
enables a redundant device to be tied to the data bus with its power supply at 0 V (VCC = 0 V) without
affecting the bus signals or injecting current from the I/Os to the power supplies. Cold sparing also allows
redundant devices that are not powered to be switched on when required only. Power consumption is therefore
reduced by switching off the redundant circuit. This has no impact on the application. Cold sparing is achieved
by implementing a high impedance between I/Os and VCC. The ESD protection is ensured through a non-
conventional dedicated structure. Using cold spare on Bus A and Bus B separately is not allowed. In cold spare,
both VCCA and VCCB must be at 0 V.
Figure 2. Cold spare and cold redundancy
Powered-on Device
Powered-off Device
(cold-spare)
+Vcc
0V (GND)
mAn
mBn
mAn
mBn
Ioff
Ioff
Cin
10pF
Cout
Cout
12pF
R (1)
R (1)
1.
R = Ioff/VCC
54VCXH163245
Cold spare
DS11681 - Rev 7
page 3/19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com