Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMSF7P03HD Datasheet (PDF) - Motorola, Inc

MMSF7P03HD Datasheet PDF - Motorola, Inc
Part # MMSF7P03HD
Download  MMSF7P03HD Download
File Size   214.71 Kbytes
Page   10 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description SINGLE TMOS POWER MOSFET 30 VOLTS

MMSF7P03HD Datasheet (PDF)

Go To PDF Page Download Datasheet
MMSF7P03HD Datasheet PDF - Motorola, Inc

Part # MMSF7P03HD
Download  MMSF7P03HD Click to download

File Size   214.71 Kbytes
Page   10 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description SINGLE TMOS POWER MOSFET 30 VOLTS

MMSF7P03HD Datasheet (HTML) - Motorola, Inc


MMSF7P03HD Product details

Single HDTMOS are an advanced series of power MOSFETs which utilize Motorola’s High Cell Density TMOS process. HDTMOS devices are designed for use in low voltage, high speed switching applications where power efficiency is important. Typical applications are dc–dc converters, and power management in portable and battery powered products such as computers, printers, cellular and cordless phones. They can also be used for low voltage motor controls in mass storage products such as disk drives and tape drives.

• Low RDS(on) Provides Higher Efficiency and Extends Battery Life
• Logic Level Gate Drive — Can Be Driven by Logic ICs
• Miniature SO–8 Surface Mount Package — Saves Board Space
• Diode Is Characterized for Use In Bridge Circuits
• Diode Exhibits High Speed, With Soft Recovery
• IDSS Specified at Elevated Temperature
• Mounting Information for SO–8 Package Provided




Similar Part No. - MMSF7P03HD

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMSF7P03HD ONSEMI-MMSF7P03HD Datasheet
94Kb / 8P
Power MOSFET 7 A, 30 V, P?묬hannel SO??
February, 2006 ??Rev. 7
MMSF7P03HDR2 ONSEMI-MMSF7P03HDR2 Datasheet
94Kb / 8P
Power MOSFET 7 A, 30 V, P?묬hannel SO??
February, 2006 ??Rev. 7
MMSF7P03HDR2G ONSEMI-MMSF7P03HDR2G Datasheet
94Kb / 8P
Power MOSFET 7 A, 30 V, P?묬hannel SO??
February, 2006 ??Rev. 7
logo
VBsemi Electronics Co.,...
MMSF7P03HDR2G VBSEMI-MMSF7P03HDR2G Datasheet
957Kb / 8P
P-Channel 30-V (D-S) MOSFET
More results


Similar Description - MMSF7P03HD

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MMDF3P03HD MOTOROLA-MMDF3P03HD Datasheet
203Kb / 10P
DUAL TMOS POWER MOSFET 30 VOLTS
MMDF4P03HD MOTOROLA-MMDF4P03HD Datasheet
206Kb / 10P
DUAL TMOS POWER MOSFET 30 VOLTS
MMDF6N03HD MOTOROLA-MMDF6N03HD Datasheet
207Kb / 10P
DUAL TMOS POWER MOSFET 30 VOLTS
MMSF10N03Z MOTOROLA-MMSF10N03Z Datasheet
196Kb / 10P
SINGLE TMOS POWER MOSFET 10 AMPERES 30 VOLTS
MMSF3300 MOTOROLA-MMSF3300 Datasheet
229Kb / 12P
SINGLE TMOS POWER MOSFET 30 VOLTS
MMSF3305 MOTOROLA-MMSF3305 Datasheet
80Kb / 4P
SINGLE TMOS POWER MOSFET 9.1 AMPERES 30 VOLTS
MMSF5N03HD MOTOROLA-MMSF5N03HD Datasheet
294Kb / 10P
SINGLE TMOS POWER MOSFET 5.0 AMPERES 30 VOLTS
MMSF7N03HD MOTOROLA-MMSF7N03HD Datasheet
296Kb / 10P
SINGLE TMOS POWER MOSFET 8.0 AMPERES 30 VOLTS
MMSF7N03Z MOTOROLA-MMSF7N03Z Datasheet
193Kb / 10P
SINGLE TMOS POWER MOSFET 7.5 AMPERES 30 VOLTS
MTD3302 MOTOROLA-MTD3302 Datasheet
87Kb / 4P
SINGLE TMOS POWER MOSFET 30 VOLTS RDS(on) = 10 mohm
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com