Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MTD3302 Datasheet (PDF) - Motorola, Inc

MTD3302 Datasheet PDF - Motorola, Inc
Part # MTD3302
Download  MTD3302 Download
File Size   87.19 Kbytes
Page   4 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description SINGLE TMOS POWER MOSFET 30 VOLTS RDS(on) = 10 mohm

MTD3302 Datasheet (PDF)

Go To PDF Page Download Datasheet
MTD3302 Datasheet PDF - Motorola, Inc

Part # MTD3302
Download  MTD3302 Click to download

File Size   87.19 Kbytes
Page   4 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description SINGLE TMOS POWER MOSFET 30 VOLTS RDS(on) = 10 mohm

MTD3302 Datasheet (HTML) - Motorola, Inc


MTD3302 Product details

WaveFET™ Power Surface Mount Products

HDTMOS Single N-Channel Field Effect Transistor



WaveFET™ devices are an advanced series of power MOSFETs which utilize Motorola’s latest MOSFET technology process to achieve the lowest possible on–resistance per silicon area. They are capable of withstanding high energy in the avalanche and commutation modes and the drain–to–source diode has a very low reverse recovery time. WaveFET™ devices are designed for use in low voltage, high speed switching applications where power efficiency is important. Typical applications are dc–dc converters, and power management in portable and battery powered products such as computers, printers, cellular and cordless phones. They can also be used for low voltage motor controls in mass storage products such as disk drives and tape drives. The avalanche energy is specified to eliminate the guesswork in designs where inductive loads are switched and offer additional safety margin against unexpected voltage transients.



• Characterized Over a Wide Range of Power Ratings

• Ultralow RDS(on) Provides Higher Efficiency and Extends Battery Life in Portable Applications

• Logic Level Gate Drive — Can Be Driven by Logic ICs

• Diode Is Characterized for Use In Bridge Circuits

• Diode Exhibits High Speed, With Soft Recovery

• IDSS Specified at Elevated Temperature

• Avalanche Energy Specified

• Industry Standard DPAK Surface Mount Package



 




Similar Part No. - MTD3302

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MTD3302 ONSEMI-MTD3302 Datasheet
283Kb / 12P
N?묬hannel DPAK Power MOSFET
Sep, 2004 ??Rev. XXX
MTD3302T4 ONSEMI-MTD3302T4 Datasheet
283Kb / 12P
N?묬hannel DPAK Power MOSFET
Sep, 2004 ??Rev. XXX
More results


Similar Description - MTD3302

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MMSF10N03Z MOTOROLA-MMSF10N03Z Datasheet
196Kb / 10P
SINGLE TMOS POWER MOSFET 10 AMPERES 30 VOLTS
MMSF3300 MOTOROLA-MMSF3300 Datasheet
229Kb / 12P
SINGLE TMOS POWER MOSFET 30 VOLTS
MMSF7P03HD MOTOROLA-MMSF7P03HD Datasheet
214Kb / 10P
SINGLE TMOS POWER MOSFET 30 VOLTS
MTDF1N03HD MOTOROLA-MTDF1N03HD Datasheet
225Kb / 12P
DUAL TMOS POWER MOSFET 2.0 AMPERES 30 VOLTS RDS(on) = 0.120 OHM
MTDF1P02HD MOTOROLA-MTDF1P02HD Datasheet
232Kb / 12P
DUAL TMOS POWER MOSFET 1.6 AMPERES 20 VOLTS RDS(on) = 175 mOHM
MTP1302 MOTOROLA-MTP1302 Datasheet
166Kb / 8P
TMOS POWER FET 42 AMPERES 30 VOLTS RDS(on) = 22 mohm
MTP55N06Z MOTOROLA-MTP55N06Z Datasheet
143Kb / 6P
TMOS POWER FET 55 AMPERES 60 VOLTS RDS(on) = 18 mohm
MTP75N06HD MOTOROLA-MTP75N06HD Datasheet
275Kb / 8P
TMOS POWER FET 75 AMPERES RDS(on) = 10.0 mOHM 60 VOLTS
MTSF2P03HD MOTOROLA-MTSF2P03HD Datasheet
245Kb / 12P
SINGLE TMOS POWER MOSFET 2.7 AMPERES 30 VOLTS RDS(on) = 0.090 OHM
MTSF3N03HD MOTOROLA-MTSF3N03HD Datasheet
232Kb / 12P
SINGLE TMOS POWER MOSFET 3.8 AMPERES 30 VOLTS RDS(on) = 0.040 OHM
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com