Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS6C3216 Datasheet (PDF) - Alliance Semiconductor Corporation

AS6C3216 Datasheet PDF - Alliance Semiconductor Corporation
Part # AS6C3216
Download  AS6C3216 Download
File Size   442.77 Kbytes
Page   13 Pages
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation
Description 32M Bits ( 2Mx16 / 4Mx8 Switchable) LOW POWER CMOS SRAM

AS6C3216 Datasheet (PDF)

Go To PDF Page Download Datasheet
AS6C3216 Datasheet PDF - Alliance Semiconductor Corporation

Part # AS6C3216
Download  AS6C3216 Click to download

File Size   442.77 Kbytes
Page   13 Pages
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation
Description 32M Bits ( 2Mx16 / 4Mx8 Switchable) LOW POWER CMOS SRAM

AS6C3216 Datasheet (HTML) - Alliance Semiconductor Corporation


AS6C3216 Product details

GENERAL DESCRIPTION
The AS6C3216 is a 33,554,432-bit low power CMOS static random access memory organized as 2,097,152 words by 16 bits or 4,194,304 words by 8 bits. It is fabricated using very high performance, high reliability CMOS technology. Its standby current is stable within the range of operating temperature.

FEATURES
■ Fast access time : 55ns
■ Low power consumption:
    Operating current : 45mA (TYP.)
    Standby current : 10μA (TYP.) SL-version
■ Single 2.7V ~ 3.6V power supply
■ All inputs and outputs TTL compatible
■ Fully static operation
■ Tri-state output
■ Data byte control :
    (i) BYTE# fixed to VCC
        LB# controlled DQ0 ~ DQ7
        UB# controlled DQ8 ~ DQ15
    (ii) BYTE# fixed to VSS
        DQ15 used as address pin, while LB#, UB# and DQ8~DQ14 pins not used
■ Data retention voltage : 1.2V (MIN.)
■ Green package available
■ Package : 48-pin 12mm x 20mm TSOP-I




Similar Part No. - AS6C3216

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS6C3216A-55BIN ALSC-AS6C3216A-55BIN Datasheet
651Kb / 11P
Low Power CMOS SRAM
AS6C3216A-55TIN ALSC-AS6C3216A-55TIN Datasheet
1Mb / 12P
Fully static operation
More results


Similar Description - AS6C3216

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KM23V32005BG SAMSUNG-KM23V32005BG Datasheet
87Kb / 5P
32M-Bit (4Mx8/2Mx16) COMS MASK ROM
logo
FIDELIX
CMS3216LAX-75EX FIDELIX-CMS3216LAX-75EX Datasheet
1Mb / 46P
32M(2Mx16) Low Power SDRAM
CMS3216LAX-75XX FIDELIX-CMS3216LAX-75XX Datasheet
608Kb / 46P
32M(2Mx16) Low Power SDRAM
logo
Lyontek Inc.
LY62L102616A LYONTEK-LY62L102616A_13 Datasheet
169Kb / 13P
16M Bits ( 2Mx8 / 1Mx16 Switchable) LOW POWER CMOS SRAM
LY62L205016A LYONTEK-LY62L205016A_13 Datasheet
206Kb / 13P
32M Bits ( 2Mx16 / 4Mx8 Switchable) LOW POWER CMOS SRAM
LY62L102616 LYONTEK-LY62L102616_17 Datasheet
715Kb / 13P
16M Bits ( 2Mx8 / 1Mx16 Switchable ) LOW POWER CMOS SRAM
LY62L102616A LYONTEK-LY62L102616A_17 Datasheet
720Kb / 13P
16M Bits ( 2Mx8 / 1Mx16 Switchable) LOW POWER CMOS SRAM
LY62L205016A LYONTEK-LY62L205016A_17 Datasheet
675Kb / 13P
32M Bits ( 2Mx16 / 4Mx8 Switchable) LOW POWER CMOS SRAM
LY62L205016B LYONTEK-LY62L205016B_17 Datasheet
651Kb / 13P
32M Bits(2Mx16/4Mx8 Switchable) LOW POWER CMOS SRAM
LY62102616 LYONTEK-LY62102616_17 Datasheet
731Kb / 13P
16M Bits(1Mx16/2Mx8 Switchable) LOW POWER CMOS SRAM
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com