Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS6C3216 Datasheet(PDF) 2 Page - Alliance Semiconductor Corporation

Part # AS6C3216
Description  32M Bits ( 2Mx16 / 4Mx8 Switchable) LOW POWER CMOS SRAM
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS6C3216 Datasheet(HTML) 2 Page - Alliance Semiconductor Corporation

  AS6C3216 Datasheet HTML 1Page - Alliance Semiconductor Corporation AS6C3216 Datasheet HTML 2Page - Alliance Semiconductor Corporation AS6C3216 Datasheet HTML 3Page - Alliance Semiconductor Corporation AS6C3216 Datasheet HTML 4Page - Alliance Semiconductor Corporation AS6C3216 Datasheet HTML 5Page - Alliance Semiconductor Corporation AS6C3216 Datasheet HTML 6Page - Alliance Semiconductor Corporation AS6C3216 Datasheet HTML 7Page - Alliance Semiconductor Corporation AS6C3216 Datasheet HTML 8Page - Alliance Semiconductor Corporation AS6C3216 Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
AS6C3216
Rev. 1.0
32M Bits ( 2Mx16 / 4Mx8 Switchable) LOW POWER CMOS SRAM
Alliance Memory, Inc.
1
FEATURES
 Fast access time : 55ns
 Low power consumption:
Operating current : 45mA (TYP.)
Standby current : 10
A (TYP.) SL-version
 Single 2.7V ~ 3.6V power supply
 All inputs and outputs TTL compatible
 Fully static operation
 Tri-state output
 Data byte control :
(i) BYTE# fixed to VCC
LB# controlled DQ0 ~ DQ7
UB# controlled DQ8 ~ DQ15
(ii) BYTE# fixed to VSS
DQ15 used as address pin, while LB#,
UB# and DQ8~DQ14 pins not used
 Data retention voltage : 1.2V (MIN.)
 Green package available
 Package : 48-pin 12mm x 20mm TSOP-I
GENERAL DESCRIPTION
The AS6C3216 is a 33,554,432-bit low power
CMOS static random access memory organized as
2,097,152 words by 16 bits or 4,194,304 words by 8
bits. It is fabricated using very high performance,
high reliability CMOS technology. Its standby current
is stable within the range of operating temperature.
The AS6C3216 is well designed for low power
application, and particularly well suited for battery
back-up nonvolatile memory application.
The AS6C3216 operates from a single power
supply of 2.7V ~ 3.6V and all inputs and outputs are
fully TTL compatible
PRODUCT FAMILY
Product
Family
Operating
Temperature
Vcc Range
Speed
Power Dissipation
Standby(ISB1,TYP.)
Operating(Icc,TYP.)
AS6C3216(I)
-40 ~ 85℃
2.7 ~ 3.6V
55ns
10µA(SL)
45mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com