Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS24M Datasheet (PDF) - Taiwan Semiconductor Company, Ltd

SS24M Datasheet PDF - Taiwan Semiconductor Company, Ltd
Part # SS24M
Download  SS24M Download
File Size   84.63 Kbytes
Page   2 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description 2A/40V SMD Schottky Rectifier High efficiency

SS24M Datasheet (PDF)

Go To PDF Page Download Datasheet
SS24M Datasheet PDF - Taiwan Semiconductor Company, Ltd

Part # SS24M
Download  SS24M Click to download

File Size   84.63 Kbytes
Page   2 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description 2A/40V SMD Schottky Rectifier High efficiency

SS24M Datasheet (HTML) - Taiwan Semiconductor Company, Ltd


SS24M Product details

FEATURES

- Very low profile - typical height of 0.68mm

- Low power loss, high efficiency

- Ideal for automated placement

- Moisture sensitivity level: level 1, per J-STD-020

- Compliant to RoHS Directive 2011/65/EU and in accordance to WEEE 2002/96/EC

- Halogen-free according to IEC 61249-2-21 definition



 




Similar Part No. - SS24M

ManufacturerPart #DatasheetDescription
logo
Systemsensor advanced i...
SS24M SYSTEMSENSOR-SS24M Datasheet
79Kb / 2P
Multi-Alert & Mini-Alert Sounders and Strobes
logo
Taiwan Semiconductor Co...
SS24M TSC-SS24M Datasheet
245Kb / 4P
Surface Mount Schottky Barrier
More results


Similar Description - SS24M

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
D2S4M SHINDENGEN-D2S4M Datasheet
587Kb / 11P
Schottky Rectifiers (SBD) (40V 2A)
logo
Torex Semiconductor
XBS204S17 TOREX-XBS204S17 Datasheet
77Kb / 3P
Schottky Barrier Diode, 2A, 40V Type
XBS204S17R-G TOREX-XBS204S17R-G Datasheet
100Kb / 3P
Schottky Barrier Diode, 2A, 40V Type
XBS204S17 TOREX-XBS204S17_12 Datasheet
100Kb / 3P
Schottky Barrier Diode, 2A, 40V Type
XBS204S17-12 TOREX-XBS204S17-12 Datasheet
100Kb / 3P
Schottky Barrier Diode, 2A, 40V Type
logo
Taiwan Semiconductor Co...
SBS24 TSC-SBS24 Datasheet
222Kb / 4P
2A, 40V - 60V Schottky Bridge Rectifiers
logo
Frontier Electronics.
FM240-MH1-THRU-FM2200-MH1 FRONTIER-FM240-MH1-THRU-FM2200-MH1 Datasheet
609Kb / 3P
2A SMD SCHOTTKY BARRIER RECTIFIERS, 40V-200V
logo
SeCoS Halbleitertechnol...
SK240LFL SECOS-SK240LFL Datasheet
295Kb / 2P
40V, 2A Schottky Barrier Rectifiers
logo
Taiwan Semiconductor Co...
SK24A-T TSC-SK24A-T Datasheet
301Kb / 6P
2A, 40V - 100V Surface Mount Schottky Barrier Rectifier
logo
PFC Device Inc.
P2V40A PFC-P2V40A Datasheet
693Kb / 5P
2A 40V MOS Schottky Rectifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com