Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE4236 Datasheet (PDF) - Pasternack Enterprises, Inc.

PE4236 Datasheet PDF - Pasternack Enterprises, Inc.
Part # PE4236
Download  PE4236 Download
File Size   328.85 Kbytes
Page   2 Pages
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.
Description BNC Twinax Plug Connector Clamp/Solder Attachment For RG108, 78 Ohm Twinax

PE4236 Datasheet (PDF)

Go To PDF Page Download Datasheet
PE4236 Datasheet PDF - Pasternack Enterprises, Inc.

Part # PE4236
Download  PE4236 Click to download

File Size   328.85 Kbytes
Page   2 Pages
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.
Description BNC Twinax Plug Connector Clamp/Solder Attachment For RG108, 78 Ohm Twinax

PE4236 Datasheet (HTML) - Pasternack Enterprises, Inc.


PE4236 Product details

Description
Pasternack’s PE4236 78 ohm BNC Twinax plug connector with clamp/solder attachment for RG108 and 78 Ohm Twinax is part of our full line of RF components available for same-day shipping.

Configuration
• BNC Twinax Plug Connector
• MIL-STD-348
• 78 Ohms
• Straight Body Geometry
• RG108, 78 Ohm Twinax Interface Type
• Clamp/Solder Attachment

Features
• Silver Plated Contact
• Contact plating according to QQ-S-365

Applications
• General Purpose Test
• Custom Cable Assemblies




Similar Part No. - PE4236

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4236 PASTERNACK-PE4236 Datasheet
323Kb / 3P
BNC Twinax Plug Connector Clamp/Solder Attachment
logo
Peregrine Semiconductor
PE423641 PSEMI-PE423641 Datasheet
340Kb / 11P
UltraCMOS SP4T RF Switch 50??000 MHz
PE423641MLAA-Z PSEMI-PE423641MLAA-Z Datasheet
340Kb / 11P
UltraCMOS SP4T RF Switch 50??000 MHz
logo
Pan Jit International I...
PE4236CS PANJIT-PE4236CS Datasheet
568Kb / 8P
Hi-Surge ESD Protection
January 9,2020 PE4205CS_SERIES-REV.00
PE4236CS_R1_00001 PANJIT-PE4236CS_R1_00001 Datasheet
568Kb / 8P
Hi-Surge ESD Protection
January 9,2020 PE4205CS_SERIES-REV.00
More results


Similar Description - PE4236

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4235 PASTERNACK-PE4235 Datasheet
220Kb / 2P
BNC Twinax Jack Connector Crimp/Solder Attachment For RG108, 78 Ohm Twinax
PE4237 PASTERNACK-PE4237 Datasheet
221Kb / 2P
BNC Twinax Jack Connector Clamp/Solder Attachment For RG108, 78 Ohm Twinax
PE44114 PASTERNACK-PE44114 Datasheet
223Kb / 2P
BNC Twinax Jack Bulkhead Connector Clamp/Solder Attachment For RG108, 78 Ohm Twinax, .480 inch D Hole
PE4234 PASTERNACK-PE4234 Datasheet
319Kb / 2P
BNC Twinax Plug Connector Crimp - Solder Attachment For RG108, 78 Ohm Twinax
PE3480LF PASTERNACK-PE3480LF Datasheet
664Kb / 4P
BNC Twinax Plug to BNC Twinax Plug Cable Using 78 Ohm RG108 Coax, RoHS
PE3480LF-18 PASTERNACK-PE3480LF-18 Datasheet
647Kb / 4P
BNC Twinax Plug to BNC Twinax Plug Cable 18 Inch Length Using 78 Ohm RG108 Coax, RoHS
PE3480LF-300 PASTERNACK-PE3480LF-300 Datasheet
648Kb / 4P
BNC Twinax Plug to BNC Twinax Plug Cable 300 Inch Length Using 78 Ohm RG108 Coax, RoHS
PE3480LF-900 PASTERNACK-PE3480LF-900 Datasheet
649Kb / 4P
BNC Twinax Plug to BNC Twinax Plug Cable 900 Inch Length Using 78 Ohm RG108 Coax, RoHS
PE4236 PASTERNACK-PE4236_16 Datasheet
323Kb / 3P
BNC Twinax Plug Connector Clamp/Solder Attachment
PE4237 PASTERNACK-PE4237_16 Datasheet
319Kb / 3P
BNC Twinax Jack Connector Clamp/Solder Attachment
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com