Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE4235 Datasheet (PDF) - Pasternack Enterprises, Inc.

PE4235 Datasheet PDF - Pasternack Enterprises, Inc.
Part # PE4235
Download  PE4235 Download
File Size   220.06 Kbytes
Page   2 Pages
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.
Description BNC Twinax Jack Connector Crimp/Solder Attachment For RG108, 78 Ohm Twinax

PE4235 Datasheet (PDF)

Go To PDF Page Download Datasheet
PE4235 Datasheet PDF - Pasternack Enterprises, Inc.

Part # PE4235
Download  PE4235 Click to download

File Size   220.06 Kbytes
Page   2 Pages
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.
Description BNC Twinax Jack Connector Crimp/Solder Attachment For RG108, 78 Ohm Twinax

PE4235 Datasheet (HTML) - Pasternack Enterprises, Inc.


PE4235 Product details

Description
Pasternack’s PE4235 78 ohm BNC Twinax jack connector with crimp/solder attachment for RG108 and 78 Ohm Twinax is part of our full line of RF components available for same-day shipping.
Our 78 ohm BNC Twinax jack connector PE4235 datasheet specifications and drawing with dimensions are shown below in this PDF. Pasternack’s broad catalog of RF, microwave and millimeter wave connectors allows designers to configure and customize their signal connections however they like. Whether the need is to provide an I/O for a board design, or simply create a custom cable assembly configuration, Pasternack has the right connector for the job. Pasternack can also expertly build your custom cable assemblies for you and ship same-day.

Features
• Silver Plated Contact
• Contact plating according to QQ-S-365

Applications
• General Purpose Test
• Custom Cable Assemblies

Configuration
• BNC Twinax Jack Connector
• MIL-STD-348
• 78 Ohms
• Straight Body Geometry
• RG108, 78 Ohm Twinax Interface Type
• Crimp/Solder Attachment




Similar Part No. - PE4235

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE4235 PEREGRINE-PE4235 Datasheet
288Kb / 8P
SPDT UltraCMOS??RF Switch DC - 4000 MHz
logo
Pasternack Enterprises,...
PE4235 PASTERNACK-PE4235 Datasheet
318Kb / 3P
BNC Twinax Jack Connector Crimp/Solder Attachment
logo
Peregrine Semiconductor...
PE4235-EK PEREGRINE-PE4235-EK Datasheet
288Kb / 8P
SPDT UltraCMOS??RF Switch DC - 4000 MHz
logo
Peregrine Semiconductor
PE42359 PSEMI-PE42359 Datasheet
477Kb / 14P
SPDT UltraCMOS짰 RF Switch 10 MHz ??3 GHz
logo
Pasternack Enterprises,...
PE4235 PASTERNACK-PE4235_16 Datasheet
318Kb / 3P
BNC Twinax Jack Connector Crimp/Solder Attachment
More results


Similar Description - PE4235

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4236 PASTERNACK-PE4236 Datasheet
328Kb / 2P
BNC Twinax Plug Connector Clamp/Solder Attachment For RG108, 78 Ohm Twinax
PE4237 PASTERNACK-PE4237 Datasheet
221Kb / 2P
BNC Twinax Jack Connector Clamp/Solder Attachment For RG108, 78 Ohm Twinax
PE44114 PASTERNACK-PE44114 Datasheet
223Kb / 2P
BNC Twinax Jack Bulkhead Connector Clamp/Solder Attachment For RG108, 78 Ohm Twinax, .480 inch D Hole
PE4234 PASTERNACK-PE4234 Datasheet
319Kb / 2P
BNC Twinax Plug Connector Crimp - Solder Attachment For RG108, 78 Ohm Twinax
PE3480LF PASTERNACK-PE3480LF Datasheet
664Kb / 4P
BNC Twinax Plug to BNC Twinax Plug Cable Using 78 Ohm RG108 Coax, RoHS
PE3480LF-900 PASTERNACK-PE3480LF-900 Datasheet
649Kb / 4P
BNC Twinax Plug to BNC Twinax Plug Cable 900 Inch Length Using 78 Ohm RG108 Coax, RoHS
PE4234 PASTERNACK-PE4234_17 Datasheet
422Kb / 3P
BNC Twinax Plug Connector Crimp/Solder Attachment
PE4235 PASTERNACK-PE4235_16 Datasheet
318Kb / 3P
BNC Twinax Jack Connector Crimp/Solder Attachment
PE4237 PASTERNACK-PE4237_16 Datasheet
319Kb / 3P
BNC Twinax Jack Connector Clamp/Solder Attachment
PE4324 PASTERNACK-PE4324_16 Datasheet
323Kb / 3P
BNC Twinax Jack Connector Solder Attachment
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com