Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE4235 Datasheet (PDF) - Pasternack Enterprises, Inc.

PE4235 Datasheet PDF - Pasternack Enterprises, Inc.
Part # PE4235
Download  PE4235 Download
File Size   318.7 Kbytes
Page   3 Pages
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.
Description BNC Twinax Jack Connector Crimp/Solder Attachment

PE4235 Datasheet (PDF)

Go To PDF Page Download Datasheet
PE4235 Datasheet PDF - Pasternack Enterprises, Inc.

Part # PE4235
Download  PE4235 Click to download

File Size   318.7 Kbytes
Page   3 Pages
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.
Description BNC Twinax Jack Connector Crimp/Solder Attachment

PE4235 Datasheet (HTML) - Pasternack Enterprises, Inc.




Similar Part No. - PE4235

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE4235 PEREGRINE-PE4235 Datasheet
288Kb / 8P
SPDT UltraCMOS??RF Switch DC - 4000 MHz
logo
Pasternack Enterprises,...
PE4235 PASTERNACK-PE4235 Datasheet
220Kb / 2P
BNC Twinax Jack Connector Crimp/Solder Attachment For RG108, 78 Ohm Twinax
logo
Peregrine Semiconductor...
PE4235-EK PEREGRINE-PE4235-EK Datasheet
288Kb / 8P
SPDT UltraCMOS??RF Switch DC - 4000 MHz
logo
Peregrine Semiconductor
PE42359 PSEMI-PE42359 Datasheet
477Kb / 14P
SPDT UltraCMOS짰 RF Switch 10 MHz ??3 GHz
More results


Similar Description - PE4235

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4235 PASTERNACK-PE4235 Datasheet
220Kb / 2P
BNC Twinax Jack Connector Crimp/Solder Attachment For RG108, 78 Ohm Twinax
PE4237 PASTERNACK-PE4237 Datasheet
221Kb / 2P
BNC Twinax Jack Connector Clamp/Solder Attachment For RG108, 78 Ohm Twinax
PE4234 PASTERNACK-PE4234 Datasheet
319Kb / 2P
BNC Twinax Plug Connector Crimp - Solder Attachment For RG108, 78 Ohm Twinax
PE4070 PASTERNACK-PE4070_16 Datasheet
361Kb / 4P
BNC Female Connector Crimp/Solder Attachment
PE4079 PASTERNACK-PE4079_16 Datasheet
417Kb / 3P
BNC Female Connector Crimp/Solder Attachment
PE4234 PASTERNACK-PE4234_17 Datasheet
422Kb / 3P
BNC Twinax Plug Connector Crimp/Solder Attachment
PE4236 PASTERNACK-PE4236_16 Datasheet
323Kb / 3P
BNC Twinax Plug Connector Clamp/Solder Attachment
PE4237 PASTERNACK-PE4237_16 Datasheet
319Kb / 3P
BNC Twinax Jack Connector Clamp/Solder Attachment
PE4238 PASTERNACK-PE4238_16 Datasheet
348Kb / 3P
BNC Twinax Jack Bulkhead Mount Connector Solder Attachment Solder Cup Terminal
PE4324 PASTERNACK-PE4324_16 Datasheet
323Kb / 3P
BNC Twinax Jack Connector Solder Attachment
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com