Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC2105C Datasheet (PDF) - Motorola, Inc

MPC2105C Datasheet PDF - Motorola, Inc
Part # MPC2105C
Download  MPC2105C Download
File Size   229.08 Kbytes
Page   18 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description 512KB and 1MB BurstRAM Secondary Cache Modules for PowerPC PReP/CHRP Platforms

MPC2105C Datasheet (PDF)

Go To PDF Page Download Datasheet
MPC2105C Datasheet PDF - Motorola, Inc

Part # MPC2105C
Download  MPC2105C Click to download

File Size   229.08 Kbytes
Page   18 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description 512KB and 1MB BurstRAM Secondary Cache Modules for PowerPC PReP/CHRP Platforms

MPC2105C Datasheet (HTML) - Motorola, Inc


MPC2105C Product details

The MPC2105C and the MPC2106C are designed to provide burstable, high performance L2 cache for the PowerPC 60x microprocessor family in conformance with the PowerPC Reference Platform (PReP) and the PowerPC Common Hardware Reference Platform (CHRP) specifications.

• PowerPC–style Burst Counter on Chip
• Flow–Through Data I/O
• Plug and Pin Compatibility
• Multiple Clock Pins for Reduced Loading
• All Cache Data and Tag I/Os are LVTTL (3.3 V) Compatible
• Three State Outputs
• Byte Write Capability
• Fast Module Clock Rates: Up to 66 MHz
• Fast SRAM Access Times: 10 ns for Tag RAM Match 9 ns for Data RAM
• Decoupling Capacitors for Each Fast Static RAM
• High Quality Multi–Layer FR4 PWB With Separate Power and Ground Planes
• 178 Pin Card Edge Module
• Burndy Connector, Part Number: ELF178KSC–3Z50




Similar Part No. - MPC2105C

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC2105A MOTOROLA-MPC2105A Datasheet
245Kb / 20P
512KB and 1MB BurstRAM Secondary Cache Modules for PowerPC PReP/CHRP Platforms
MPC2105ASG66 MOTOROLA-MPC2105ASG66 Datasheet
245Kb / 20P
512KB and 1MB BurstRAM Secondary Cache Modules for PowerPC PReP/CHRP Platforms
MPC2105BSG66 MOTOROLA-MPC2105BSG66 Datasheet
245Kb / 20P
512KB and 1MB BurstRAM Secondary Cache Modules for PowerPC PReP/CHRP Platforms
MPC2105PDG66 MOTOROLA-MPC2105PDG66 Datasheet
158Kb / 16P
256KB/512KB BurstRAM Secondary Cache Modules for PowerPC PReP/CHRP Platforms
MPC2105SG66 MOTOROLA-MPC2105SG66 Datasheet
228Kb / 24P
256KB and 512KB BurstRAM Secondary Cache Modules for PowerPC PReP/CHRP Platforms
More results


Similar Description - MPC2105C

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM72BA32 MOTOROLA-MCM72BA32 Datasheet
237Kb / 14P
256KB and 512KB BurstRAM Secondary Cache Module for Pentium
MCM72BB32 MOTOROLA-MCM72BB32 Datasheet
252Kb / 14P
256KB and 512KB BurstRAM Secondary Cache Module for Pentium
MCM72BF32 MOTOROLA-MCM72BF32 Datasheet
253Kb / 14P
256KB and 512KB BurstRAM Secondary Cache Module for Pentium
MCM72CB32 MOTOROLA-MCM72CB32 Datasheet
260Kb / 14P
256KB and 512KB BurstRAM Secondary Cache Module for Pentium
MCM72CF32 MOTOROLA-MCM72CF32 Datasheet
259Kb / 14P
256KB and 512KB BurstRAM Secondary Cache Module for Pentium
MPC2002 MOTOROLA-MPC2002 Datasheet
234Kb / 14P
256KB and 512KB BurstRAM Secondary Cache Module for PowerPC - Based Systems
MPC2004 MOTOROLA-MPC2004 Datasheet
84Kb / 6P
256KB and 512KB BurstRAM Secondary Cache Modules for PowerPC PReP/CHRP Platforms
MPC2104 MOTOROLA-MPC2104 Datasheet
228Kb / 24P
256KB and 512KB BurstRAM Secondary Cache Modules for PowerPC PReP/CHRP Platforms
MPC2104P MOTOROLA-MPC2104P Datasheet
158Kb / 16P
256KB/512KB BurstRAM Secondary Cache Modules for PowerPC PReP/CHRP Platforms
MPC2105A MOTOROLA-MPC2105A Datasheet
245Kb / 20P
512KB and 1MB BurstRAM Secondary Cache Modules for PowerPC PReP/CHRP Platforms
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com