Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTV-817C Datasheet (PDF) - Lite-On Technology Corporation

LTV-817C Datasheet PDF - Lite-On Technology Corporation
Part # LTV-817C
Download  LTV-817C Download
File Size   600.39 Kbytes
Page   15 Pages
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation
Description High input-output isolation voltage

LTV-817C Datasheet (PDF)

Go To PDF Page Download Datasheet
LTV-817C Datasheet PDF - Lite-On Technology Corporation

Part # LTV-817C
Download  LTV-817C Click to download

File Size   600.39 Kbytes
Page   15 Pages
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation
Description High input-output isolation voltage

LTV-817C Datasheet (HTML) - Lite-On Technology Corporation


LTV-817C Product details

Applications
1. Computer terminals.
2. System appliances, measuring instruments.
3. Registers, copiers, automatic vending machines.
4. Electric home appliances such as fan heaters, etc.
5. Signal transmission between circuits of different potentials and impedances.

Features
Current transfer ratio
(CTR : MIN. 50% at IF=5mA, VCE=5V)
High input-output isolation voltage:
(VISO : 5,000Vrms)
Compact dual-in-line package
LTV-817 : 1-channel type
LTV-827 : 2-channel type
LTV-847 : 4-channel type

Options available :
-Leads with 0.4"(10.16mm)spacing (M Type)
-Leads bends for surface mounting(S Type)
-Tape and Reel of Type I for SMD(Add"-TA"Suffix)
-Tape and Reel of Type II for SMD(Add"-TA1"Suffix)
-VDE 0884 approvals (Add"-V"Suffix)




Similar Part No. - LTV-817C

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTV-817 LITEON-LTV-817 Datasheet
560Kb / 14P
Property of Lite-On Only
logo
Shenzhen Tenand Technol...
LTV-817 TENAND-LTV-817 Datasheet
635Kb / 15P
Property of LITE-ON Only
LTV-817 TENAND-LTV-817 Datasheet
1Mb / 5P
High Density Mounting Type Photocoupler
logo
Lite-On Technology Corp...
LTV-817 LITEON-LTV-817 Datasheet
600Kb / 15P
LITE-ON TECHNOLOGY CORPORATION Property of LITE-ON Only
LTV-817 LITEON-LTV-817 Datasheet
698Kb / 5P
High Density Mounting Type Photocoupler
More results


Similar Description - LTV-817C

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTV-352T LITEON-LTV-352T Datasheet
151Kb / 8P
High current transfer ratio, High input-output isolation voltage
logo
AIMTEC
AM3TW-NZ AIMTEC-AM3TW-NZ Datasheet
174Kb / 3P
Input / Output Isolation 1500VDC
AM8T-I-Z AIMTEC-AM8T-I-Z Datasheet
384Kb / 4P
Input/output Isolation voltage 1500VDC
AM8TW-I-Z AIMTEC-AM8TW-I-Z Datasheet
151Kb / 4P
Input/Output Isolation voltage 1500VDC
logo
Solid State Optronic
SM6004 SSOUSA-SM6004 Datasheet
223Kb / 7P
High Input-to-Output Isolation
SM6006 SSOUSA-SM6006 Datasheet
223Kb / 7P
High Input-to-Output Isolation
SMA4131 SSOUSA-SMA4131 Datasheet
192Kb / 6P
High Input-to-Output Isolation
SMA4240 SSOUSA-SMA4240 Datasheet
343Kb / 7P
High Input-to-Output Isolation
logo
First Silicon Co., Ltd
JC357 FS-JC357 Datasheet
572Kb / 6P
High isolation voltage between input and output
logo
WAGO Kontakttechnik Gmb...
857-413 WAGO-857-413 Datasheet
596Kb / 11P
Isolation amplifier; Voltage input signal; Current output signal;
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com