Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JS28F640J3F75A Datasheet (PDF) - Micron Technology

JS28F640J3F75A Datasheet PDF - Micron Technology
Part # JS28F640J3F75A
Download  JS28F640J3F75A Download
File Size   2203.01 Kbytes
Page   66 Pages
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology
Description Numonyx짰 Embedded Flash Memory (J3 65 nm) Single Bit per Cell (SBC)

JS28F640J3F75A Datasheet (PDF)

Go To PDF Page Download Datasheet
JS28F640J3F75A Datasheet PDF - Micron Technology

Part # JS28F640J3F75A
Download  JS28F640J3F75A Click to download

File Size   2203.01 Kbytes
Page   66 Pages
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology
Description Numonyx짰 Embedded Flash Memory (J3 65 nm) Single Bit per Cell (SBC)

JS28F640J3F75A Datasheet (HTML) - Micron Technology


JS28F640J3F75A Product details

Introduction
This document contains information pertaining to the Numonyx® Embedded Flash Memory (J3 65 nm) Single Bit per Cell (SBC) device features, operation, and specifications.
Unless otherwise indicated throughout the rest of this document, the Numonyx® Embedded Flash Memory (J3 65 nm) Single Bit per Cell (SBC) device is referred to as J3 65 nm SBC.
The J3 65 nm SBC device provides improved mainstream performance with enhanced security features, taking advantage of the high quality and reliability of the NOR-based 65 nm technology. Offered in 128-Mbit, 64-Mbit, and 32-Mbit densities, the J3 65 nm SBC device brings reliable, low-voltage capability (3 V read, program, and erase) with high speed, low-power operation. The J3 65 nm SBC device takes advantage of proven manufacturing experience and is ideal for code and data applications where high density and low cost are required, such as in networking, telecommunications, digital set top boxes, audio recording, and digital imaging. Numonyx Flash Memory components also deliver a new generation of forward-compatible software support. By using the Common Flash Interface (CFI) and Scalable Command Set (SCS), customers can take advantage of density upgrades and optimized write capabilities of future Numonyx Flash Memory devices.

Product Features
■ Architecture
   — Symmetrical 128-KB blocks
   — 128 Mbit (128 blocks)
   — 64 Mbit (64 blocks)
   — 32 Mbit (32 blocks)
   — Blank Check to verify an erased block
■ Performance
   — Initial Access Speed: 75ns
   — 25 ns 8-word Asynchronous page-mode
      reads
   — 256-Word write buffer for x16 mode, 256-
      Byte write buffer for x8 mode;
      1.41 µs per Byte Effective programming
      time
■ System Voltage
   — VCC = 2.7 V to 3.6 V
   — VCCQ = 2.7 V to 3.6 V
■ Packaging
   — 56-Lead TSOP
   — 64-Ball Easy BGA package
■ Security
   — Enhanced security options for code
      protection
   — Absolute protection with VPEN = Vss
   — Individual block locking
   — Block erase/program lockout during power
      transitions
   — Password Access feature
   — One-Time Programmable Register:
      64 OTP bits, programmed with unique
      information by Numonyx
      64 OTP bits, available for customer
      programming
■ Software
   — Program and erase suspend support
   — Numonyx® Flash Data Integrator (FDI)
   — Common Flash Interface (CFI) Compatible
   — Scalable Command Set
■ Quality and Reliability
   — Operating temperature:
      -40 °C to +85 °C
   — 100K Minimum erase cycles per block
   — 65 nm Flash Technology
   — JESD47E Compliant




Similar Part No. - JS28F640J3F75A

ManufacturerPart #DatasheetDescription
logo
Numonyx B.V
JS28F640J3F75 NUMONYX-JS28F640J3F75 Datasheet
776Kb / 67P
Numonyx® Embedded Flash Memory (J3 65nm) Single Bit per Cell (SBC)
Jan 2018
More results


Similar Description - JS28F640J3F75A

ManufacturerPart #DatasheetDescription
logo
Numonyx B.V
TE28F320J3D-75 NUMONYX-TE28F320J3D-75 Datasheet
911Kb / 68P
Numonyx??Embedded Flash Memory (J3 v. D)
logo
Micron Technology
JS28F128P33BF70 MICRON-JS28F128P33BF70 Datasheet
3Mb / 88P
Numonyx짰 P33-65nm Flash Memory 128-Mbit, 64-Mbit Single Bit per Cell (SBC)
logo
Microchip Technology
JS28F128P33TF70A MICROCHIP-JS28F128P33TF70A Datasheet
3Mb / 88P
128-Mbit, 64-Mbit Single Bit per Cell (SBC)
2011 - 208034-04
logo
Micron Technology
PC28F128J3F75A MICRON-PC28F128J3F75A Datasheet
2Mb / 66P
Numonyx짰 Embedded Flash Memory (J3 65nm) Single Bit per Cell (SBC)
RC28F128J3F75A MICRON-RC28F128J3F75A Datasheet
2Mb / 66P
Numonyx짰 Embedded Flash Memory (J3 65nm) Single Bit per Cell (SBC)
RC28F640P33TF60A MICRON-RC28F640P33TF60A Datasheet
3Mb / 88P
Numonyx짰 P33-65nm Flash Memory 128-Mbit, 64-Mbit Single Bit per Cell (SBC)
logo
Intel Corporation
TE28F640J3D75 INTEL-TE28F640J3D75 Datasheet
916Kb / 68P
Numonyx??Embedded Flash Memory (J3 v. D)
logo
Numonyx B.V
JS28F320J3F75A NUMONYX-JS28F320J3F75A Datasheet
703Kb / 66P
Numonyx짰 Embedded Flash Memory (J3 65 nm) Single Bit per Cell (SBC)
PC28F640P33BF60D NUMONYX-PC28F640P33BF60D Datasheet
3Mb / 88P
Numonyx짰 P33-65nm Flash Memory 128-Mbit, 64-Mbit Single Bit per Cell (SBC)
JS28F320J3F75 NUMONYX-JS28F320J3F75 Datasheet
776Kb / 67P
Numonyx® Embedded Flash Memory (J3 65nm) Single Bit per Cell (SBC)
Jan 2018
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com