Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JS28F320J3F75 Datasheet (PDF) - Numonyx B.V

JS28F320J3F75 Datasheet PDF - Numonyx B.V
Part # JS28F320J3F75
Download  JS28F320J3F75 Download
File Size   776.1 Kbytes
Page   67 Pages
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V
Description Numonyx® Embedded Flash Memory (J3 65nm) Single Bit per Cell (SBC)

JS28F320J3F75 Datasheet (PDF)

Go To PDF Page Download Datasheet
JS28F320J3F75 Datasheet PDF - Numonyx B.V

Part # JS28F320J3F75
Download  JS28F320J3F75 Click to download

File Size   776.1 Kbytes
Page   67 Pages
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V
Description Numonyx® Embedded Flash Memory (J3 65nm) Single Bit per Cell (SBC)

JS28F320J3F75 Datasheet (HTML) - Numonyx B.V


JS28F320J3F75 Product details

Features
Architecture
— Symmetrical 128-KB blocks
— 128 Mbit (128 blocks)
— 64 Mbit (64 blocks)
— 32 Mbit (32 blocks)
— Blank Check to verify an erased block
Performance
— Initial Access Speed: 75ns
— 25 ns 8-word Asynchronous page-mode
reads
— 256-Word write buffer for x16 mode, 256-
Byte write buffer for x8 mode;
1.41 μs per Byte Effective programming
time
System Voltage
— VCC = 2.7 V to 3.6 V
— VCCQ = 2.7 V to 3.6 V
Packaging
— 56-Lead TSOP
— 64-Ball Easy BGA package
Security
— Enhanced security options for code
protection
— Absolute protection with VPEN = Vss
— Individual block locking
— Block erase/program lockout during power
transitions
— Password Access feature
— One-Time Programmable Register:
64 OTP bits, programmed with unique
information by Numonyx
64 OTP bits, available for customer
programming
Software
— Program and erase suspend support
— Numonyx® Flash Data Integrator (FDI)
— Common Flash Interface (CFI) Compatible
— Scalable Command Set
Quality and Reliability
— Operating temperature:
-40 °C to +85 °C
— 100K Minimum erase cycles per block
— 65 nm Flash Technology
— JESD47E Compliant




Similar Part No. - JS28F320J3F75

ManufacturerPart #DatasheetDescription
logo
Numonyx B.V
JS28F320J3F75A NUMONYX-JS28F320J3F75A Datasheet
703Kb / 66P
Numonyx짰 Embedded Flash Memory (J3 65 nm) Single Bit per Cell (SBC)
More results


Similar Description - JS28F320J3F75

ManufacturerPart #DatasheetDescription
logo
Numonyx B.V
TE28F320J3D-75 NUMONYX-TE28F320J3D-75 Datasheet
911Kb / 68P
Numonyx??Embedded Flash Memory (J3 v. D)
logo
Micron Technology
JS28F640J3F75A MICRON-JS28F640J3F75A Datasheet
2Mb / 66P
Numonyx짰 Embedded Flash Memory (J3 65 nm) Single Bit per Cell (SBC)
JS28F128P33BF70 MICRON-JS28F128P33BF70 Datasheet
3Mb / 88P
Numonyx짰 P33-65nm Flash Memory 128-Mbit, 64-Mbit Single Bit per Cell (SBC)
PC28F128J3F75A MICRON-PC28F128J3F75A Datasheet
2Mb / 66P
Numonyx짰 Embedded Flash Memory (J3 65nm) Single Bit per Cell (SBC)
RC28F128J3F75A MICRON-RC28F128J3F75A Datasheet
2Mb / 66P
Numonyx짰 Embedded Flash Memory (J3 65nm) Single Bit per Cell (SBC)
RC28F640P33TF60A MICRON-RC28F640P33TF60A Datasheet
3Mb / 88P
Numonyx짰 P33-65nm Flash Memory 128-Mbit, 64-Mbit Single Bit per Cell (SBC)
logo
Intel Corporation
TE28F640J3D75 INTEL-TE28F640J3D75 Datasheet
916Kb / 68P
Numonyx??Embedded Flash Memory (J3 v. D)
logo
Micron Technology
JS28F128P30TF75A MICRON-JS28F128P30TF75A Datasheet
1Mb / 90P
Numonyx Axcell P30-65nm Flash Memory
logo
Numonyx B.V
JS28F320J3F75A NUMONYX-JS28F320J3F75A Datasheet
703Kb / 66P
Numonyx짰 Embedded Flash Memory (J3 65 nm) Single Bit per Cell (SBC)
PC28F640P33BF60D NUMONYX-PC28F640P33BF60D Datasheet
3Mb / 88P
Numonyx짰 P33-65nm Flash Memory 128-Mbit, 64-Mbit Single Bit per Cell (SBC)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com