Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JS28F320J3F75 Datasheet(PDF) 5 Page - Numonyx B.V

Part # JS28F320J3F75
Description  Numonyx® Embedded Flash Memory (J3 65nm) Single Bit per Cell (SBC)
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

JS28F320J3F75 Datasheet(HTML) 5 Page - Numonyx B.V

  JS28F320J3F75 Datasheet HTML 1Page - Numonyx B.V JS28F320J3F75 Datasheet HTML 2Page - Numonyx B.V JS28F320J3F75 Datasheet HTML 3Page - Numonyx B.V JS28F320J3F75 Datasheet HTML 4Page - Numonyx B.V JS28F320J3F75 Datasheet HTML 5Page - Numonyx B.V JS28F320J3F75 Datasheet HTML 6Page - Numonyx B.V JS28F320J3F75 Datasheet HTML 7Page - Numonyx B.V JS28F320J3F75 Datasheet HTML 8Page - Numonyx B.V JS28F320J3F75 Datasheet HTML 9Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 67 page
background image
Numonyx® Embedded Flash Memory (J3 65 nm) Single Bit per Cell (SBC)
Revision History
Date
Revision Description
May 2009
01
Initial release
March 2010
02
Add Blank Check function and command.
Add Blank Check specification tBC/MB, update Clear Block Lock-Bits Max Time and Program
time in Table 13, “Configuration Performance” on page 28.
Update ICCR in Table 7, “DC Current Characteristics” on page 21.
Order information with device features digit.
Update part number information in Valid Combination table.
Add a note to clarify the SR output after E8 command in Figure 16, “Write to Buffer Flowchart” on
page 48
.
State JESD47E Compliant at front page.
Update ECR.13 description in Table 18, “Enhanced Configuration Register” on page 32.
Jan 2011
03
Correct the typo of comment for offset 24h at CFI from 2048µs to 1024µs.
Correct the typo of tAVQV and tELQV to Max Specifications.
Emphasize the valid and legal command usage at Section 11.0, “Device Command Codes” on
page 47
.
Put a link for part numbers after Table 46, “Valid Combinations” on page 65.
Add Buffer Program Time for 128 Words (256 Bytes) at Table 13, “Configuration Performance” on
page 28
.
Add JEDEC standard lead width for TSOP56 package at Table 1, “56-Lead TSOP Dimension Table” on
page 13
.
Jan 2018
04
Added Important Notes and Warnings section for further clarification aligning to industry
standards
Datasheet
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com