Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JS28F320J3F75 Datasheet(PDF) 24 Page - Numonyx B.V

Part # JS28F320J3F75
Description  Numonyx® Embedded Flash Memory (J3 65nm) Single Bit per Cell (SBC)
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

JS28F320J3F75 Datasheet(HTML) 24 Page - Numonyx B.V

Back Button JS28F320J3F75 Datasheet HTML 20Page - Numonyx B.V JS28F320J3F75 Datasheet HTML 21Page - Numonyx B.V JS28F320J3F75 Datasheet HTML 22Page - Numonyx B.V JS28F320J3F75 Datasheet HTML 23Page - Numonyx B.V JS28F320J3F75 Datasheet HTML 24Page - Numonyx B.V JS28F320J3F75 Datasheet HTML 25Page - Numonyx B.V JS28F320J3F75 Datasheet HTML 26Page - Numonyx B.V JS28F320J3F75 Datasheet HTML 27Page - Numonyx B.V JS28F320J3F75 Datasheet HTML 28Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 67 page
background image
Datasheet
23
Numonyx® Embedded Flash Memory (J3 65 nm) Single Bit per Cell (SBC)
7.0
AC Characteristics
Timing symbols used in the timing diagrams within this document conform to the
following convention.
Note:
Exceptions to this convention include tACC and tAPA. tACC is a generic timing symbol that
refers to the aggregate initial-access delay as determined by tAVQV, tELQV, and tGLQV
(whichever is satisfied last) of the flash device. tAPA is specified in the flash device’s
data sheet, and is the address-to-data delay for subsequent page-mode reads.
Figure 7: Timing Signal Naming Convention
Table 10: Timing Signal Name Decoder
Signal
Code
State
Code
Address
A
High
H
Data - Read
Q
Low
L
Data - Write
D
High-Z
Z
Chip Enable (CE)
E
Low-Z
X
Output Enable (OE#)
G
Valid
V
Write Enable (WE#)
W
Invalid
I
Status (STS)
R
Reset (RP#)
P
Byte Enable (BYTE#)
F
Erase/Program/Block Lock
Enable (VPEN)
V
E
t
L Q V
Source Signal
Target State
Source State
Target Signal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com