Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JS28F320J3F75 Datasheet(PDF) 22 Page - Numonyx B.V

Part # JS28F320J3F75
Description  Numonyx® Embedded Flash Memory (J3 65nm) Single Bit per Cell (SBC)
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

JS28F320J3F75 Datasheet(HTML) 22 Page - Numonyx B.V

Back Button JS28F320J3F75 Datasheet HTML 18Page - Numonyx B.V JS28F320J3F75 Datasheet HTML 19Page - Numonyx B.V JS28F320J3F75 Datasheet HTML 20Page - Numonyx B.V JS28F320J3F75 Datasheet HTML 21Page - Numonyx B.V JS28F320J3F75 Datasheet HTML 22Page - Numonyx B.V JS28F320J3F75 Datasheet HTML 23Page - Numonyx B.V JS28F320J3F75 Datasheet HTML 24Page - Numonyx B.V JS28F320J3F75 Datasheet HTML 25Page - Numonyx B.V JS28F320J3F75 Datasheet HTML 26Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 67 page
background image
Datasheet
21
Numonyx® Embedded Flash Memory (J3 65 nm) Single Bit per Cell (SBC)
6.0
Electrical Characteristics
6.1
DC Current Specifications
Table 7:
DC Current Characteristics
VCCQ
2.7 - 3.6V
Test Conditions
Notes
VCC
2.7 - 3.6V
Symbol
Parameter
Typ
Max
Unit
ILI
Input and VPEN Load Current
—
±1
μA
VCC = VCC Max; VCCQ = VCCQ Max
VIN = VCCQ or VSS
1
ILO
Output Leakage Current
—
±10
μA
VCC= VCC Max; VCCQ = VCCQ Max
VIN = VCCQ or VSS
1
ICCS
VCC Standby Current
50
120
μA
CMOS Inputs, VCC = VCC Max; Vccq =
VccqMax
Device is disabled (see
Table 17, “Chip
Enable Truth Table for 32-, 64-,
128-Mb” on page 30),
RP# = VCCQ ± 0.2 V
1,2,3
0.71
2
mA
TTL Inputs, VCC = VCC Max,
Vccq = VccqMax
Device is disabled (see
Table 17, “Chip
Enable Truth Table for 32-, 64-,
128-Mb” on page 30), RP# = VIH
ICCD
VCC Power-Down Current
50
120
μARP# = VSS ± 0.2 V, IOUT (STS) = 0 mA
—
ICCR
8-Word Page
15
20
mA
CMOS Inputs, VCC = VCC Max, VCCQ = VCCQ
Max using standard 8 word page mode
reads.
Device is enabled (see
Table 17, “Chip
Enable Truth Table for 32-, 64-,
128-Mb” on page 30)
f = 5 MHz, IOUT = 0 mA
1,3
30
54
mA
CMOS Inputs,VCC = VCC Max, VCCQ = VCCQ
Max using standard 8 word page mode
reads.
Device is enabled (see
Table 17, “Chip
Enable Truth Table for 32-, 64-,
128-Mb” on page 30)
f = 33 MHz, IOUT = 0 mA
ICCW
VCC Program or Set Lock-Bit Current
35
60
mA
CMOS Inputs, VPEN = VCC
1,4
40
70
mA
TTL Inputs, VPEN = VCC
ICCE
ICCBC
VCC Block Erase or VCC Blank Check or
Clear Block Lock-Bits Current
35
70
mA
CMOS Inputs, VPEN = VCC
1,4
40
80
mA
TTL Inputs, VPEN = VCC
ICCWS
ICCES
VCC Program Suspend or Block Erase
Suspend Current
—10
mA
Device is enabled (see
Table 17, “Chip
Enable Truth Table for 32-, 64-,
128-Mb” on page 30)
1,5
Notes:
1.
All currents are in RMS unless otherwise noted. These currents are valid for all product versions (packages and speeds).
Contact Numonyx or your local sales office for information about typical specifications.
2.
Includes STS.
3.
CMOS inputs are either VCC ± 0.2 V or VSS ± 0.2 V. TTL inputs are either VIL or VIH.
4.
Sampled, not 100% tested.
5.
ICCWS and ICCES are specified with the device selected. If the device is read or written while in erase suspend mode, the
device’s current draw is ICCR and ICCWS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com