Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JS28F320J3F75 Datasheet(PDF) 41 Page - Numonyx B.V

Part # JS28F320J3F75
Description  Numonyx® Embedded Flash Memory (J3 65nm) Single Bit per Cell (SBC)
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

JS28F320J3F75 Datasheet(HTML) 41 Page - Numonyx B.V

Back Button JS28F320J3F75 Datasheet HTML 37Page - Numonyx B.V JS28F320J3F75 Datasheet HTML 38Page - Numonyx B.V JS28F320J3F75 Datasheet HTML 39Page - Numonyx B.V JS28F320J3F75 Datasheet HTML 40Page - Numonyx B.V JS28F320J3F75 Datasheet HTML 41Page - Numonyx B.V JS28F320J3F75 Datasheet HTML 42Page - Numonyx B.V JS28F320J3F75 Datasheet HTML 43Page - Numonyx B.V JS28F320J3F75 Datasheet HTML 44Page - Numonyx B.V JS28F320J3F75 Datasheet HTML 45Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 67 page
background image
Numonyx® Embedded Flash Memory (J3 65 nm) Single Bit per Cell (SBC)
Datasheet
40
programming operations, rendering array contents at the addressed location(s)
indeterminate.
To suspend an on-going erase or program operation, issue the Suspend command to
any device address. The program or erase operation suspends at pre-determined points
during the operation after a delay of tSUSP. Suspend is achieved whenSTS (in RY/BY#
mode) goes high, SR[7,6] = 1 (erase-suspend) or SR[7,2] = 1 (program-suspend).
Note:
Issuing the Suspend command does not change the read mode of the device. The
device will be in Read Status Register mode from when the erase or program command
was first issued, unless the read mode was changed prior to issuing the Suspend
command.
Not all commands are allowed when the device is suspended. Table 25 shows which
device commands are allowed during Program Suspend or Erase Suspend.
During Suspend, array-read operations are not allowed in blocks being erased or
programmed.
A block-erase under program-suspend is not allowed. However, word-program under
erase-suspend is allowed, and can be suspended. This results in a simultaneous erase-
suspend/ program-suspend condition, indicated by SR[7,6,2] = 1.
Table 24: Suspend and Resume Command Bus-Cycles
Command
Setup Write Cycle
Confirm Write Cycle
Address Bus
Data Bus
Address Bus
Data Bus
Suspend
Device Address
00B0h
—
—
Resume
Device Address
00D0h
—
—
Table 25: Valid Commands During Suspend
Device Command
Program Suspend
Erase Suspend
STS Configuration
Allowed
Allowed
Read Array
Allowed
Allowed
Read Status Register
Allowed
Allowed
Clear Status Register
Allowed
Allowed
Read Device Information
Allowed
Allowed
CFI Query
Allowed
Allowed
Word/Byte Program
Not Allowed
Allowed
Buffered Program
Not Allowed
Allowed
Block Erase
Not Allowed
Not Allowed
Program Suspend
Not Allowed
Allowed
Erase Suspend
Not Allowed
Not Allowed
Program/Erase Resume
Allowed
Allowed
Lock Block
Not Allowed
Not Allowed
Unlock Block
Not Allowed
Not Allowed
Program OTP Register
Not Allowed
Not Allowed
Blank Check
Not Allowed
Not Allowed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com