Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JS28F320J3F75 Datasheet(PDF) 7 Page - Numonyx B.V

Part # JS28F320J3F75
Description  Numonyx® Embedded Flash Memory (J3 65nm) Single Bit per Cell (SBC)
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

JS28F320J3F75 Datasheet(HTML) 7 Page - Numonyx B.V

Back Button JS28F320J3F75 Datasheet HTML 3Page - Numonyx B.V JS28F320J3F75 Datasheet HTML 4Page - Numonyx B.V JS28F320J3F75 Datasheet HTML 5Page - Numonyx B.V JS28F320J3F75 Datasheet HTML 6Page - Numonyx B.V JS28F320J3F75 Datasheet HTML 7Page - Numonyx B.V JS28F320J3F75 Datasheet HTML 8Page - Numonyx B.V JS28F320J3F75 Datasheet HTML 9Page - Numonyx B.V JS28F320J3F75 Datasheet HTML 10Page - Numonyx B.V JS28F320J3F75 Datasheet HTML 11Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 67 page
background image
Numonyx® Embedded Flash Memory (J3 65 nm) Single Bit per Cell (SBC)
Datasheet
6
1.0
Introduction
This document contains information pertaining to the Numonyx® Embedded Flash
Memory (J3 65 nm) Single Bit per Cell (SBC) device features, operation, and
specifications.
Unless otherwise indicated throughout the rest of this document, the Numonyx®
Embedded Flash Memory (J3 65 nm) Single Bit per Cell (SBC) device is referred to as
J3 65 nm SBC.
The J3 65 nm SBC device provides improved mainstream performance with enhanced
security features, taking advantage of the high quality and reliability of the NOR-based
65 nm technology. Offered in 128-Mbit, 64-Mbit, and 32-Mbit densities, the J3 65 nm
SBC device brings reliable, low-voltage capability (3 V read, program, and erase) with
high speed, low-power operation. The J3 65 nm SBC device takes advantage of proven
manufacturing experience and is ideal for code and data applications where high
density and low cost are required, such as in networking, telecommunications, digital
set top boxes, audio recording, and digital imaging. Numonyx Flash Memory
components also deliver a new generation of forward-compatible software support. By
using the Common Flash Interface (CFI) and Scalable Command Set (SCS), customers
can take advantage of density upgrades and optimized write capabilities of future
Numonyx Flash Memory devices.
1.1
Nomenclature
J3 65 nm SBC
Numonyx® Embedded Flash Memory (J3 65 nm) Single Bit per Cell (SBC)
AMIN
All Densities
AMIN = A0 for x8
All Densities
AMIN = A1 for x16
AMAX
32 Mbit
AMAX = A21
64 Mbit
AMAX = A22
128 Mbit
AMAX = A23
Block
A group of flash cells that share common erase circuitry and erase simultaneously.
Clear
Indicates a logic zero (0)
Program
Writes data to the flash array
Set
Indicates a logic one (1)
VPEN
Refers to a signal or package connection name
VPEN
Refers to timing or voltage levels



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com