Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JS28F320J3F75 Datasheet(PDF) 39 Page - Numonyx B.V

Part # JS28F320J3F75
Description  Numonyx® Embedded Flash Memory (J3 65nm) Single Bit per Cell (SBC)
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

JS28F320J3F75 Datasheet(HTML) 39 Page - Numonyx B.V

Back Button JS28F320J3F75 Datasheet HTML 35Page - Numonyx B.V JS28F320J3F75 Datasheet HTML 36Page - Numonyx B.V JS28F320J3F75 Datasheet HTML 37Page - Numonyx B.V JS28F320J3F75 Datasheet HTML 38Page - Numonyx B.V JS28F320J3F75 Datasheet HTML 39Page - Numonyx B.V JS28F320J3F75 Datasheet HTML 40Page - Numonyx B.V JS28F320J3F75 Datasheet HTML 41Page - Numonyx B.V JS28F320J3F75 Datasheet HTML 42Page - Numonyx B.V JS28F320J3F75 Datasheet HTML 43Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 67 page
background image
Numonyx® Embedded Flash Memory (J3 65 nm) Single Bit per Cell (SBC)
Datasheet
38
After all user-data is written into the write buffer, issue the confirm command. If a
command other than the confirm command is issued to the device, a command
sequence error occurs and the operation aborts.
Note:
After issuing the confirm command, write-buffer contents are programmed into the
flash memory array. The Status Register indicates a busy status (SR.7 = 0) during
array programming.Issuing the Read Array command to the device while it is actively
programming or erasing causes subsequent reads from the device to output invalid
data. Valid array data is output only after the program or erase operation has finished.
Upon completion of array programming, the Status Register indicates ready (SR.7 = 1).
A full Status Register check should be performed to check for any programming errors,
then cleared by using the Clear Status Register command.
Additional buffered programming operations can be initiated by issuing another setup
command, and repeating the buffered programming bus-cycle sequence. However, any
errors in the Status Register must first be cleared before another buffered
programming operation can be initiated.
9.4
Block Erase Operations
Erasing a block changes ‘zeros’ to ‘ones’. To change ones to zeros, a program operation
must be performed (See Section 9.3, “Programming Operations”). Erasing is performed
on a block basis - an entire block is erased each time an erase command sequence is
issued. Once a block is fully erased, all addressable locations within that block read as
logical ones (FFFFh for x16 mode, FFh for x8 mode). Only one block-erase operation
can occur at a time, and is not permitted during a program suspend.
To perform a block-erase operation, issue the Block Erase command sequence at the
desired block address. Table 23 shows the two-cycle Block Erase command sequence.
Note:
A block-erase operation requires the addressed block to be unlocked, and a valid
voltage applied to VPEN throughout the block-erase operation. Otherwise, the
operation will abort, setting the appropriate Status Register error bit(s).
The Erase Confirm command latches the address of the block to be erased. The
addressed block is preconditioned (programmed to all zeros), erased, and then verified.
The read mode of the device is automatically changed to Read Status Register mode,
and remains in effect until another read-mode command is issued.
During a block-erase operation, STS and the Status Register indicates a busy status
(SR.7 = 0). Upon completion, STS and the Status Register indicates a ready status
(SR.7 = 1). The Status Register should be checked for any errors, then cleared. If any
errors did occur, subsequent erase commands to the device are ignored unless the
Status Register is cleared.
The only valid commands during a block erase operation are Read Array, Read Device
Information, CFI Query, and Erase Suspend. After the block-erase operation has
completed, any valid command can be issued.
Table 23: Block-Erase Command Bus-Cycles
Command
Setup Write Cycle
Confirm Write Cycle
Address Bus
Data Bus
Address Bus
Data Bus
Block Erase
Block Address
0020h
Block Address
00D0h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com