Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JS28F320J3F75 Datasheet(PDF) 63 Page - Numonyx B.V

Part # JS28F320J3F75
Description  Numonyx® Embedded Flash Memory (J3 65nm) Single Bit per Cell (SBC)
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

JS28F320J3F75 Datasheet(HTML) 63 Page - Numonyx B.V

Back Button JS28F320J3F75 Datasheet HTML 59Page - Numonyx B.V JS28F320J3F75 Datasheet HTML 60Page - Numonyx B.V JS28F320J3F75 Datasheet HTML 61Page - Numonyx B.V JS28F320J3F75 Datasheet HTML 62Page - Numonyx B.V JS28F320J3F75 Datasheet HTML 63Page - Numonyx B.V JS28F320J3F75 Datasheet HTML 64Page - Numonyx B.V JS28F320J3F75 Datasheet HTML 65Page - Numonyx B.V JS28F320J3F75 Datasheet HTML 66Page - Numonyx B.V JS28F320J3F75 Datasheet HTML 67Page - Numonyx B.V  
Zoom Inzoom in Zoom Outzoom out
 63 / 67 page
background image
Numonyx® Embedded Flash Memory (J3 65 nm) Single Bit per Cell (SBC)
Datasheet
62
(P+5)h
(P+6)h
(P+7)h
(P+8)h
4
Optional feature and command support (1=yes, 0=no)
Undefined bits are “0.” If bit 31 is
“1” then another 31 bit field of optional features follows at
the end of the bit-30 field.
36:
--CE
37:
--00
38:
--00
39:
--00
bit 0 Chip erase supported
bit 0 = 0
No
bit 1 Suspend erase supported
bit 1 = 1
Yes
bit 2 Suspend program supported
bit 2 = 1
Yes
bit 3 Legacy lock/unlock supported
bit 3 = 1
Yes
bit 4 Queued erase supported
bit 4 = 0
No
bit 5 Instant Individual block locking supported
bit 5 = 0
No
bit 6 Protection bits supported
bit 6 = 1
Yes
bit 7 Page-mode read supported
bit 7 = 1
Yes
bit 8 Synchronous read supported
bit 8 = 0
No
bit9 Simultaneous Operation Supported
bit 9 = 0
No
bit 30 CFI Link(s) to follow (32, 64, 128 Mb)
bit 30 = 0
No
bit 31 Another “Optional Feature” field to follow
bit 31 = 0
No
(P+9)h
1
Supported functions after suspend: read Array, Status, Query
Other supported operations are:
bits 1–7 reserved; undefined bits are “0”
3A:
--01
bit 0 Program supported after erase suspend
bit 0 = 1
Yes
(P+A)h
(P+B)h
2
Block Status Register mask
3B:
--01
bits 2–15 are Reserved; undefined bits are “0”
3C:
--00
bit 0 Block Lock-Bit Status register active
bit 0 = 1
Yes
bit 1 Block Lock-Down Bit Status active
bit 1 = 0
No
(P+C)h
1
VCC logic supply highest performance program/erase voltage
bits 0–3 BCD value in 100 mV
bits 4–7 BCD value in volts
3D:
--33
3.3 V
(P+D)h
1
VPP optimum program/erase supply voltage
bits 0–3 BCD value in 100 mV
bits 4–7 HEX value in volts
3E:
--00
0.0 V
Note:
1.
Setting this bit, will lead to the extension of the CFI table.
Table 43: Primary Vendor-Specific Extended Query (Sheet 2 of 2)
Offset(1)
P = 31h
Length
Description
(Optional Flash Features and Commands)
Add.
Hex
Code
Value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com