Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JS28F320J3F75 Datasheet(PDF) 14 Page - Numonyx B.V

Part # JS28F320J3F75
Description  Numonyx® Embedded Flash Memory (J3 65nm) Single Bit per Cell (SBC)
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

JS28F320J3F75 Datasheet(HTML) 14 Page - Numonyx B.V

Back Button JS28F320J3F75 Datasheet HTML 10Page - Numonyx B.V JS28F320J3F75 Datasheet HTML 11Page - Numonyx B.V JS28F320J3F75 Datasheet HTML 12Page - Numonyx B.V JS28F320J3F75 Datasheet HTML 13Page - Numonyx B.V JS28F320J3F75 Datasheet HTML 14Page - Numonyx B.V JS28F320J3F75 Datasheet HTML 15Page - Numonyx B.V JS28F320J3F75 Datasheet HTML 16Page - Numonyx B.V JS28F320J3F75 Datasheet HTML 17Page - Numonyx B.V JS28F320J3F75 Datasheet HTML 18Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 67 page
background image
Datasheet
13
Numonyx® Embedded Flash Memory (J3 65 nm) Single Bit per Cell (SBC)
3.0
Package Information
3.1
56-Lead TSOP Package for 32-, 64-, 128-Mbit
Notes:
1.
One dimple on package denotes Pin 1.
2.
If two dimples, then the larger dimple denotes Pin 1.
3.
Pin 1 will always be in the upper left corner of the package, in reference to the product mark.
Figure 3: 56-Lead TSOP Package Mechanical
A
0
L
Detail A
Y
D
C
Z
Pin 1
E
D1
b
Detail B
See Detail A
e
See Detail B
A1
Seating
Plane
A2
See Note 2
See Notes 1 and 3
Table 1:
56-Lead TSOP Dimension Table
Parameter
Symbol
Millimeters
Inches
Min
Nom
Max
Min
Nom
Max
Package Height
A
—
—
1.200
—
—
0.047
Standoff
A1
0.050
—
—
0.002
—
—
Package Body Thickness
A2
0.965
0.995
1.025
0.038
0.039
0.040
Lead Width1
b
0.170
0.220
0.270
0.0067
0.0087
0.0106
Lead Thickness
c
0.100
0.150
0.200
0.004
0.006
0.008
Package Body Length
D1
18.200
18.400
18.600
0.717
0.724
0.732
Package Body Width
E
13.800
14.000
14.200
0.543
0.551
0.559
Lead Pitch
e
—
0.500
—
—
0.0197
—
Terminal Dimension
D
19.800
20.00
20.200
0.780
0.787
0.795
Lead Tip Length
L
0.500
0.600
0.700
0.020
0.024
0.028



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com