Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JS28F320J3F75 Datasheet(PDF) 10 Page - Numonyx B.V

Part # JS28F320J3F75
Description  Numonyx® Embedded Flash Memory (J3 65nm) Single Bit per Cell (SBC)
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

JS28F320J3F75 Datasheet(HTML) 10 Page - Numonyx B.V

Back Button JS28F320J3F75 Datasheet HTML 6Page - Numonyx B.V JS28F320J3F75 Datasheet HTML 7Page - Numonyx B.V JS28F320J3F75 Datasheet HTML 8Page - Numonyx B.V JS28F320J3F75 Datasheet HTML 9Page - Numonyx B.V JS28F320J3F75 Datasheet HTML 10Page - Numonyx B.V JS28F320J3F75 Datasheet HTML 11Page - Numonyx B.V JS28F320J3F75 Datasheet HTML 12Page - Numonyx B.V JS28F320J3F75 Datasheet HTML 13Page - Numonyx B.V JS28F320J3F75 Datasheet HTML 14Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 67 page
background image
Datasheet
9
Numonyx® Embedded Flash Memory (J3 65 nm) Single Bit per Cell (SBC)
2.0
Functional Overview
The J3 65 nm SBC family contains high-density memory organized in any of the
following configurations:
• 16-MB or 8-MW (128-Mbit), organized as one-hundred-twenty-eight 128-KB erase
blocks.
• 8-MB or 4-MW (64-Mbit), organized as sixty-four 128-KB erase blocks.
• 4-MB or 2-MW (32-Mbit), organized as thirty-two 128-KB erase blocks.
These devices can be accessed as 8- or 16-bit words. See Figure 1, “Memory Block
Diagram for 32-, 64-, 128-Mbit” on page 11 for further details.
A 128-bit Protection Register has multiple uses, including unique flash device
identification.
The J3 65 nm SBC device includes new security features that were not available on the
(previous) 0.13µm versions of the J3 family. These new security features prevent
altering of code through different protection schemes that can be implemented, based
on user requirements.
The J3 65 nm SBC optimized architecture and interface dramatically increases read
performance by supporting page-mode reads. This read mode is ideal for non-clock
memory systems.
Its Common Flash Interface (CFI) permits software algorithms to be used for entire
families of devices. This allows device-independent, JEDEC ID-independent, and
forward- and backward-compatible software support for the specified flash device
families. Flash vendors can standardize their existing interfaces for long-term
compatibility.
The Scalable Command Set (SCS) allows a single, simple software driver in all host
systems to work with all SCS-compliant flash memory devices, independent of system-
level packaging (e.g., memory card, SIMM, or direct-to-board placement). Additionally,
SCS provides the highest system/device data transfer rates and minimizes device and
system-level implementation costs.
A Command User Interface (CUI) serves as the interface between the system processor
and internal operation of the device. A valid command sequence written to the CUI
initiates device automation. An internal Write State Machine (WSM) automatically
executes the algorithms and timings necessary for block erase, program, and lock-bit
configuration operations.
A block erase operation erases one of the device’s 128-KB blocks typically within one
second, independent of other blocks. Each block can be independently erased 100,000
times. Block erase suspend mode allows system software to suspend block erase to
read or program data from any other block. Similarly, program suspend allows system
software to suspend programming (byte/word program and write-to-buffer operations)
to read data or execute code from any other block that is not being suspended.
Each device incorporates a Write Buffer of 256-Byte (x8 mode) or 256-Word (x16
mode) to allow optimum programming performance. By using the Write Buffer data is
programmed more efficiently in buffer increments.
Memory Blocks are selectively and individually lockable in-system. Individual block
locking uses block lock-bits to lock and unlock blocks. Block lock-bits gate block erase
and program operations. Lock-bit configuration operations set and clear lock-bits (using
the Set Block Lock-Bit and Clear Block Lock-Bits commands).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com