Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATS-61290W-C1-R0 Datasheet (PDF) - Advanced Thermal Solutions, Inc.

ATS-61290W-C1-R0 Datasheet PDF - Advanced Thermal Solutions, Inc.
Part # ATS-61290W-C1-R0
Download  ATS-61290W-C1-R0 Download
File Size   2598.99 Kbytes
Page   1 Pages
Manufacturer  ATS [Advanced Thermal Solutions, Inc.]
Direct Link  http://www.qats.com
Logo ATS - Advanced Thermal Solutions, Inc.
Description ATS fanSINKTM with maxiGRIPTM Attachment

ATS-61290W-C1-R0 Datasheet (PDF)

Go To PDF Page Download Datasheet
ATS-61290W-C1-R0 Datasheet PDF - Advanced Thermal Solutions, Inc.

Part # ATS-61290W-C1-R0
Download  ATS-61290W-C1-R0 Click to download

File Size   2598.99 Kbytes
Page   1 Pages
Manufacturer  ATS [Advanced Thermal Solutions, Inc.]
Direct Link  http://www.qats.com
Logo ATS - Advanced Thermal Solutions, Inc.
Description ATS fanSINKTM with maxiGRIPTM Attachment

ATS-61290W-C1-R0 Datasheet (HTML) - Advanced Thermal Solutions, Inc.


ATS-61290W-C1-R0 Product details

X-Cut Straight Fin Heat Sink Fins offer omni-directional air flow for optimum
thermal performance independent of PCB lay-out
Stainless Steel Screw Fan Attachment - Ensures dependable long-term fan
to heat sink assembly
Component Attachment - ATS maxiGRIPTM is a proven high reliability
mechanical attachment system
ATS maxiGRIPTM Hardware includes a High Performance Plastic “Frame
Clip” and 300 Series Stainless Steel “Spring Clip”- avoiding PCB through
holes
Provided with pre-assembled Thermal Interface Material (TIM) centered on
base
“Keep-Out” Requirements: An “Un-Populated” boarder zone of 5 mm around
the component is necessary to facilitate the Installation/Removal of the
maxiGRIP™. Please refer to the maxiGRIP™ Keep-Out Guidelines and
maxiGRIP™ Installation/Removal Instructions for further details
Please Note: FAN NOT INCLUDED. Fan type is specific to individual
customer requirements. Fans need to be independently sourced.




Similar Part No. - ATS-61290W-C1-R0

ManufacturerPart #DatasheetDescription
logo
Advanced Thermal Soluti...
ATS-61290W-C1-R0 ATS-ATS-61290W-C1-R0_17 Datasheet
304Kb / 1P
X-Cut straight fin heat sink fins offer omnidirectional air flow
REV4_0516
More results


Similar Description - ATS-61290W-C1-R0

ManufacturerPart #DatasheetDescription
logo
Advanced Thermal Soluti...
ATS-61270D-C1-R0 ATS-ATS-61270D-C1-R0 Datasheet
2Mb / 1P
ATS fanSINKTM with maxiGRIPTM Attachment
REV1_0908
ATS-61400D-C1-R0 ATS-ATS-61400D-C1-R0 Datasheet
2Mb / 1P
ATS fanSINKTM with maxiGRIPTM Attachment
REV1_0908
ATS-61300K-C1-R0 ATS-ATS-61300K-C1-R0 Datasheet
2Mb / 1P
ATS fanSINKTM with maxiGRIPTM Attachment
REV1_0908
ATS-61325W-C1-R0 ATS-ATS-61325W-C1-R0 Datasheet
2Mb / 1P
ATS fanSINKTM with maxiGRIPTM Attachment
REV1_0908
ATS-61350R-C1-R0 ATS-ATS-61350R-C1-R0 Datasheet
2Mb / 1P
ATS fanSINKTM with maxiGRIPTM Attachment
REV1_0908
ATS-61375R-C1-R0 ATS-ATS-61375R-C1-R0 Datasheet
2Mb / 1P
ATS fanSINKTM with maxiGRIPTM Attachment
REV1_0908
ATS-61400K-C1-R0 ATS-ATS-61400K-C1-R0 Datasheet
2Mb / 1P
ATS fanSINKTM with maxiGRIPTM Attachment
REV1_0908
ATS-61400R-C1-R0 ATS-ATS-61400R-C1-R0 Datasheet
2Mb / 1P
ATS fanSINKTM with maxiGRIPTM Attachment
REV1_0908
ATS-61425W-C1-R0 ATS-ATS-61425W-C1-R0 Datasheet
2Mb / 1P
ATS fanSINKTM with maxiGRIPTM Attachment
REV1_0908
ATS-61450D-C1-R0 ATS-ATS-61450D-C1-R0 Datasheet
2Mb / 1P
ATS fanSINKTM with maxiGRIPTM Attachment
REV1_0908
More results




About Advanced Thermal Solutions, Inc.


Advanced Thermal Solutions, Inc (ATS) is a leading provider of thermal management solutions for a variety of industries including electronics, telecommunications, and medical devices.

The company was founded in 2003 and is headquartered in Norwood, Massachusetts, USA.

ATS offers a wide range of products including thermal interface materials, heat sinks, fans, and other cooling solutions.

The company is known for its expertise in thermal management, innovation, and high-quality products.

ATS works closely with customers to provide customized thermal management solutions that meet their specific requirements and needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com