Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATS-61290W-C1-R0 Datasheet(PDF) 1 Page - Advanced Thermal Solutions, Inc.

Part # ATS-61290W-C1-R0
Description  ATS fanSINKTM with maxiGRIPTM Attachment
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATS [Advanced Thermal Solutions, Inc.]
Direct Link  http://www.qats.com
Logo ATS - Advanced Thermal Solutions, Inc.

ATS-61290W-C1-R0 Datasheet(HTML) 1 Page - Advanced Thermal Solutions, Inc.

  ATS-61290W-C1-R0 Datasheet HTML 1Page - Advanced Thermal Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Product Details
DIMENSION A
DIMENSION B
DIMENSION C
DIMENSION D
INTERFACE MATERIAL
FINISH
Notes:
Dimension C = heat sink height from bottom of the base to the top of the fin field
Thermal data reference only. Actual performance may vary by application
ATS reserves the right to update or change its products without notice
Contact ATS to learn about custom options available
Standard Fan Dimensions L x W x H are: 25 mm x 25 mm x 6 mm
Standard Fan Hole Pattern is: 20mm C-C, (center-to-center)
1)
2)
3)
4)
5)
6)
For more information, to find a distributor or to place an order, visit www.Qats.com or
call: 781.769.2800 (North America); +31 (0) 3569 84715 (Europe).
ATS PART # ATS-61290W-C1-R0
Features & Benefits
ATS fanSINKtM
with maxiGRIPtM Attachment
REV1_0908
ILLUSTRATION ONLY
FAN NOT INCLUDED
HEAT SINK THERMAL PERFORMANCE (°C/W)
Thermal Performance
X-Cut Straight Fin Heat Sink Fins offer omni-directional air flow for optimum
thermal performance independent of PCB lay-out
Stainless Steel Screw Fan Attachment - Ensures dependable long-term fan
to heat sink assembly
Component Attachment - ATS maxiGRIPTM is a proven high reliability
mechanical attachment system
ATS maxiGRIPTM Hardware includes a High Performance Plastic “Frame
Clip” and 300 Series Stainless Steel “Spring Clip”- avoiding PCB through
holes
Provided with pre-assembled Thermal Interface Material (TIM) centered on
base
“Keep-Out” Requirements: An “Un-Populated” boarder zone of 5 mm around
the component is necessary to facilitate the Installation/Removal of the
maxiGRIP™. Please refer to the maxiGRIP™ Keep-Out Guidelines and
maxiGRIP™ Installation/Removal Instructions for further details
Please Note: FAN NOT INCLUDED. Fan type is specific to individual
customer requirements. Fans need to be independently sourced.
»
»
»
»
»
»
»
SIZE
29 mm
DIMENSION A
DIMENSION B
DIMENSION C
DIMENSION D
INTERFACE MATERIAL
FINISH
29 mm
29 mm
24.5 mm
15 X 15 mm
CHOMERICS T-412
BLACK ANODIZED
Product Details
ATS fanSINKTM HEIGHT COMPARISON
HS HEIGHT


Similar Part No. - ATS-61290W-C1-R0

ManufacturerPart #DatasheetDescription
logo
Advanced Thermal Soluti...
ATS-61290W-C1-R0 ATS-ATS-61290W-C1-R0_17 Datasheet
304Kb / 1P
X-Cut straight fin heat sink fins offer omnidirectional air flow
REV4_0516
More results

Similar Description - ATS-61290W-C1-R0

ManufacturerPart #DatasheetDescription
logo
Advanced Thermal Soluti...
ATS-61270D-C1-R0 ATS-ATS-61270D-C1-R0 Datasheet
2Mb / 1P
ATS fanSINKTM with maxiGRIPTM Attachment
REV1_0908
ATS-61400D-C1-R0 ATS-ATS-61400D-C1-R0 Datasheet
2Mb / 1P
ATS fanSINKTM with maxiGRIPTM Attachment
REV1_0908
ATS-61300K-C1-R0 ATS-ATS-61300K-C1-R0 Datasheet
2Mb / 1P
ATS fanSINKTM with maxiGRIPTM Attachment
REV1_0908
ATS-61325W-C1-R0 ATS-ATS-61325W-C1-R0 Datasheet
2Mb / 1P
ATS fanSINKTM with maxiGRIPTM Attachment
REV1_0908
ATS-61350R-C1-R0 ATS-ATS-61350R-C1-R0 Datasheet
2Mb / 1P
ATS fanSINKTM with maxiGRIPTM Attachment
REV1_0908
ATS-61375R-C1-R0 ATS-ATS-61375R-C1-R0 Datasheet
2Mb / 1P
ATS fanSINKTM with maxiGRIPTM Attachment
REV1_0908
ATS-61400K-C1-R0 ATS-ATS-61400K-C1-R0 Datasheet
2Mb / 1P
ATS fanSINKTM with maxiGRIPTM Attachment
REV1_0908
ATS-61400R-C1-R0 ATS-ATS-61400R-C1-R0 Datasheet
2Mb / 1P
ATS fanSINKTM with maxiGRIPTM Attachment
REV1_0908
ATS-61425W-C1-R0 ATS-ATS-61425W-C1-R0 Datasheet
2Mb / 1P
ATS fanSINKTM with maxiGRIPTM Attachment
REV1_0908
ATS-61450D-C1-R0 ATS-ATS-61450D-C1-R0 Datasheet
2Mb / 1P
ATS fanSINKTM with maxiGRIPTM Attachment
REV1_0908
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com