Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GP1S36 Datasheet (PDF) - Sharp Corporation

GP1S36 Datasheet PDF - Sharp Corporation
Part # GP1S36
Download  GP1S36 Download
File Size   82.71 Kbytes
Page   5 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description Photointerrupter for Detecting Tilt Direction

GP1S36 Datasheet (PDF)

Go To PDF Page Download Datasheet
GP1S36 Datasheet PDF - Sharp Corporation

Part # GP1S36
Download  GP1S36 Click to download

File Size   82.71 Kbytes
Page   5 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description Photointerrupter for Detecting Tilt Direction

GP1S36 Datasheet (HTML) - Sharp Corporation


GP1S36 Product details

■ Features

1. Subminiature (4.0×4.2×3.8mm)

(with built-in super compact ball for detecting tilt direction)

2. 2-phase output type

3. Able to detect the tilt direction of both side (±90˚) by the position of rolling ball.

4. High reliability due to non-contact structure



■ Applications

1. Digital cameras

2. Camcoders




Similar Part No. - GP1S36

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP1S36J0000F SHARP-GP1S36J0000F Datasheet
145Kb / 11P
Phototransistor Output, Phototransistor Output, with Tilt Direction (3-direction) Detecting
More results


Similar Description - GP1S36

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP1S036HEZ SHARP-GP1S036HEZ Datasheet
71Kb / 4P
Photointerrupter for Detecting Tilt Direction
GP1S36J0000F SHARP-GP1S36J0000F Datasheet
145Kb / 11P
Phototransistor Output, Phototransistor Output, with Tilt Direction (3-direction) Detecting
GP2L24J0000F SHARP-GP2L24J0000F Datasheet
151Kb / 12P
Detecting Distance : 0.7mm Darlington Phototransistor Output Compact Refl ective Photointerrupter
GP2S60 SHARP-GP2S60_05 Datasheet
158Kb / 15P
SMT, Detecting Distance : 0.5mm Phototransistor Output, Compact Refl ective Photointerrupter
GP2A28AJ000F SHARP-GP2A28AJ000F Datasheet
149Kb / 11P
Flat detecting portion Detecting Distance : 1 to 9mm OPIC Output, Refl ective Photointerrupter with Connector
GP2S24J0000F SHARP-GP2S24J0000F Datasheet
156Kb / 12P
Detecting Distance : 0.7mm Phototransistor Output, Compact Refl ective Photointerrupter
GP2S27J0000F SHARP-GP2S27J0000F Datasheet
172Kb / 14P
SMT, Detecting Distance : 0.7mm Phototransistor Output, Compact Refl ective Photointerrupter
GP2S40J0000F SHARP-GP2S40J0000F Datasheet
151Kb / 10P
Detecting Distance : 3mm Phototransistor Output, Compact Refl ective Photointerrupter
GP2S700HCP SHARP-GP2S700HCP Datasheet
146Kb / 13P
SMT, Detecting Distance : 3mm Phototransistor Output, Compact Refl ective Photointerrupter
logo
American Electronic Com...
DS-120 AEC-DS-120 Datasheet
161Kb / 2P
tilt sensor / tilt switch
More results




About Sharp Corporation


Sharp Corporation is a Japanese electronics company that was founded in 1912.
The company provides a wide range of products including consumer electronics, such as LCD TVs, home appliances, and solar panels, as well as industrial products such as LCD displays, solar cells, and electronic components.
Sharp has a long history of innovation and is known for its expertise in the development of cutting-edge technologies such as high-resolution displays, energy-efficient power solutions, and renewable energy.
The company has operations in several countries and is one of the leading electronics manufacturers in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com