Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC2605 Datasheet (PDF) - Motorola, Inc

MPC2605 Datasheet PDF - Motorola, Inc
Part # MPC2605
Download  MPC2605 Download
File Size   288.1 Kbytes
Page   30 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description Integrated Secondary Cache for PowerPC Microprocessors

MPC2605 Datasheet (PDF)

Go To PDF Page Download Datasheet
MPC2605 Datasheet PDF - Motorola, Inc

Part # MPC2605
Download  MPC2605 Click to download

File Size   288.1 Kbytes
Page   30 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description Integrated Secondary Cache for PowerPC Microprocessors

MPC2605 Datasheet (HTML) - Motorola, Inc


MPC2605 Product details

Integrated Secondary Cache for PowerPC Microprocessors

The MPC2605 is a single chip, 256KB integrated look–aside cache with copy–back capability designed for PowerPC applications (MPC603 and MPC604). Using 0.38 µm technology along with standard cell logic technology, the MPC2605 integrates data, tag, host interface, and least recently used (LRU) memory with a cache controller to provide a 256KB, 512KB, or 1 MB Level 2 cache with one, two, or four chips on a 64–bit PowerPC bus.

• Single Chip L2 Cache for PowerPC
• 66 MHz Zero Wait State Performance (2–1–1–1 Burst)
• Four–Way Set Associative Cache Design
• 32K x 72 Data Memory Array
• 8K x 18 Tag Array
• Address Parity Support
• LRU Cache Control Logic
• Copy–Back or Write–Through Modes of Operation
• Copy–Back Buffer for Improved Performance
• Single 3.3 V Power Supply
• 5 V Tolerant I/O
• One, Two, or Four Chip Cache Solution (256KB, 512KB, or 1MB)
• Single Clock Operation
• Compliant with IEEE Standard 1149.1 Test Access Port (JTAG)
• Supports up to Four Processors in a Shared Cache Configuration
• High Board Density 25 mm 241 PBGA Package




Similar Part No. - MPC2605

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC2001 MOTOROLA-MPC2001 Datasheet
88Kb / 4P
256KB Asynchronous Secondary Cache Module for PowerPC
MPC2001SG12 MOTOROLA-MPC2001SG12 Datasheet
88Kb / 4P
256KB Asynchronous Secondary Cache Module for PowerPC
MPC2001SG15 MOTOROLA-MPC2001SG15 Datasheet
88Kb / 4P
256KB Asynchronous Secondary Cache Module for PowerPC
MPC2002 MOTOROLA-MPC2002 Datasheet
234Kb / 14P
256KB and 512KB BurstRAM Secondary Cache Module for PowerPC - Based Systems
MPC2002SG50 MOTOROLA-MPC2002SG50 Datasheet
234Kb / 14P
256KB and 512KB BurstRAM Secondary Cache Module for PowerPC - Based Systems
More results


Similar Description - MPC2605

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC2001 MOTOROLA-MPC2001 Datasheet
88Kb / 4P
256KB Asynchronous Secondary Cache Module for PowerPC
MPC2002 MOTOROLA-MPC2002 Datasheet
234Kb / 14P
256KB and 512KB BurstRAM Secondary Cache Module for PowerPC - Based Systems
MPC2004 MOTOROLA-MPC2004 Datasheet
84Kb / 6P
256KB and 512KB BurstRAM Secondary Cache Modules for PowerPC PReP/CHRP Platforms
MPC2104 MOTOROLA-MPC2104 Datasheet
228Kb / 24P
256KB and 512KB BurstRAM Secondary Cache Modules for PowerPC PReP/CHRP Platforms
MPC2104P MOTOROLA-MPC2104P Datasheet
158Kb / 16P
256KB/512KB BurstRAM Secondary Cache Modules for PowerPC PReP/CHRP Platforms
MPC2105A MOTOROLA-MPC2105A Datasheet
245Kb / 20P
512KB and 1MB BurstRAM Secondary Cache Modules for PowerPC PReP/CHRP Platforms
MPC2105C MOTOROLA-MPC2105C Datasheet
229Kb / 18P
512KB and 1MB BurstRAM Secondary Cache Modules for PowerPC PReP/CHRP Platforms
MPC9855 MOTOROLA-MPC9855 Datasheet
267Kb / 12P
Clock Generator for PowerQUICC and PowerPC Microprocessors
logo
Freescale Semiconductor...
MPC9817 FREESCALE-MPC9817 Datasheet
97Kb / 8P
Clock Generator for PowerQUICC and PowerPC Microprocessors and Microcontrollers
logo
PMC-Sierra, Inc
RM7935 PMC-RM7935 Datasheet
668Kb / 2P
64-bit Microprocessors with Integrated L2 Cache and EJTAG
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com