Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE1621B Datasheet (PDF) - ACE Technology Co., LTD.

ACE1621B Datasheet PDF - ACE Technology Co., LTD.
Part # ACE1621B
Download  ACE1621B Download
File Size   705.26 Kbytes
Page   6 Pages
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.
Description P-Channel Enhancement Mode Field Effect Transistor

ACE1621B Datasheet (PDF)

Go To PDF Page Download Datasheet
ACE1621B Datasheet PDF - ACE Technology Co., LTD.

Part # ACE1621B
Download  ACE1621B Click to download

File Size   705.26 Kbytes
Page   6 Pages
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.
Description P-Channel Enhancement Mode Field Effect Transistor

ACE1621B Datasheet (HTML) - ACE Technology Co., LTD.


ACE1621B Product details

Description

ACE1621B uses advanced trench technology to provide excellent RDS(ON). This device particularly suits for low voltage application such as power management of desktop computer or notebook computer power management, DC/DC converter.



Features

• VDS(V) =-30V

• ID=-60A

• RDS(ON)@VGS=-20V, IDS=-20A, Typ 7.5mΩ

• RDS(ON)@VGS=-10V, IDS=-20A, Typ 8.5mΩ



 




Similar Part No. - ACE1621B

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE16242A ACE-ACE16242A Datasheet
241Kb / 3P
N-Channel Enhancement Mode MOSFET
VER 1.1
ACE16242AMN+H ACE-ACE16242AMN+H Datasheet
241Kb / 3P
N-Channel Enhancement Mode MOSFET
VER 1.1
More results


Similar Description - ACE1621B

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOD419 AOSMD-AOD419 Datasheet
119Kb / 5P
P-Channel Enhancement Mode Field Effect Transistor
logo
Chino-Excel Technology
CEM4435A CET-CEM4435A Datasheet
106Kb / 4P
P-Channel Enhancement Mode Field Effect Transistor
CES2321 CET-CES2321 Datasheet
108Kb / 4P
P-Channel Enhancement Mode Field Effect Transistor
CED2303 CET-CED2303 Datasheet
140Kb / 4P
P-Channel Enhancement Mode Field Effect Transistor
CED3423 CET-CED3423 Datasheet
258Kb / 4P
P-Channel Enhancement Mode Field Effect Transistor
logo
Diodes Incorporated
BSS84W DIODES-BSS84W_1 Datasheet
100Kb / 4P
P-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30205 Rev. 9 - 2
DMP2104V DIODES-DMP2104V Datasheet
231Kb / 4P
P-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30942 Rev. 3 - 2
logo
Chenmko Enterprise Co. ...
CHM2331PT CHENMKO-CHM2331PT Datasheet
482Kb / 3P
P-Channel Enhancement Mode Field Effect Transistor
CHM4431JPT CHENMKO-CHM4431JPT Datasheet
190Kb / 2P
P-Channel Enhancement Mode Field Effect Transistor
CHM4435AZPT CHENMKO-CHM4435AZPT Datasheet
199Kb / 2P
P-Channel Enhancement Mode Field Effect Transistor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com