Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE1621B Datasheet(PDF) 2 Page - ACE Technology Co., LTD.

Part # ACE1621B
Description  P-Channel Enhancement Mode Field Effect Transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE1621B Datasheet(HTML) 2 Page - ACE Technology Co., LTD.

  ACE1621B Datasheet HTML 1Page - ACE Technology Co., LTD. ACE1621B Datasheet HTML 2Page - ACE Technology Co., LTD. ACE1621B Datasheet HTML 3Page - ACE Technology Co., LTD. ACE1621B Datasheet HTML 4Page - ACE Technology Co., LTD. ACE1621B Datasheet HTML 5Page - ACE Technology Co., LTD. ACE1621B Datasheet HTML 6Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
ACE1621B
P-Channel Enhancement Mode Field Effect Transistor
VER 1.2
2
Ordering information
ACE1621B XX + H
Electrical CharacteristicsTA=25℃, unless otherwise specified.
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Static
Drain-Source Breakdown
Voltage
V(BR)DSS
VGS=0V, ID=-250 uA
-30
V
Gate Threshold Voltage
VGS(th)
VDS=VGS, IDS=-250uA
-1.5
-1.8
-3.5
Gate Leakage Current
IGSS
VDS=0V,VGS=±25V
±100
nA
Zero Gate Voltage Drain
Current
IDSS
VDS=-24V, VGS=0V
-1
uA
Drain-Source On-Resistance
RDS(ON)
VGS=-20V, ID=-20A
7.5
9
m
Ω
VGS=-10V, ID=-20A
8.5
12
VGS=-4.5V, ID=-10A
14
25
Forward Transconductance
gfs
VDS=-5V,ID=-20A
30
S
Diode Forward Voltage
VSD
ISD=-1A, VGS=0V
-0.72
-1.0
V
Maximum Body-Diode
Continuous Current
IS
-55
A
Switching
Total Gate Charge
Qg
VDS=-15V, VGS=-10V, ID=-20A
40
47.2
55
nC
Gate-Source Charge
Qgs
10
Gate-Drain Charge
Qgd
20.4
Turn-On Time
td(on)
VGS=-10V, RGEN=3Ω, VDS=-15V,
RL=0.75Ω
12.4
nS
Turn-Off Time
td(off)
25.6
Dynamic
Input Capacitance
Ciss
VGS=0V, VDS=-15V, f=1MHz
3076
3500
pF
Output Capacitance
Coss
603
REVERSE Transfer
Capacitance
Crss
402
523
Note: 1. The value of RθJA is measured with the device mounted on 1in
2 FR-4 board with 2oz. Copper, in a still air environment
with TA=25°C. The value in any given application depends on the user's specific board design.
2. Repetitive rating, pulse width limited by junction temperature.
3.
The current rating is based on the t≤10s junction to ambient thermal resistance rating.
YM : TO-252
Pb - free
Halogen - free



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com