Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE4953B Datasheet (PDF) - ACE Technology Co., LTD.

ACE4953B Datasheet PDF - ACE Technology Co., LTD.
Part # ACE4953B
Download  ACE4953B Download
File Size   974.26 Kbytes
Page   6 Pages
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.
Description Dual P-Channel Enhancement Mode Field Effect Transistor

ACE4953B Datasheet (PDF)

Go To PDF Page Download Datasheet
ACE4953B Datasheet PDF - ACE Technology Co., LTD.

Part # ACE4953B
Download  ACE4953B Click to download

File Size   974.26 Kbytes
Page   6 Pages
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.
Description Dual P-Channel Enhancement Mode Field Effect Transistor

ACE4953B Datasheet (HTML) - ACE Technology Co., LTD.


ACE4953B Product details

Description
The ACE4953B uses advanced trench technology to provide excellent RDS(ON), and ultra-low low gate charge. This device is suitable for use as a load switch or in PWM applications.

Features
• VDS(V)=-20V
• ID=-5.5A (VGS=-10V)
• RDS(ON)<55mΩ (VGS=-10V)
• RDS(ON)<58mΩ (VGS=-4.5V)
• RDS(ON)<80mΩ (VGS=-2.5V)




Similar Part No. - ACE4953B

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
ACE4953BFM+H VBSEMI-ACE4953BFM+H Datasheet
2Mb / 9P
Dual P-Channel 30-V (D-S) MOSFET
ACE4953BFM-H VBSEMI-ACE4953BFM-H Datasheet
2Mb / 9P
Dual P-Channel 30-V (D-S) MOSFET
More results


Similar Description - ACE4953B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AO7801 ETC-AO7801 Datasheet
537Kb / 4P
Dual P-Channel Enhancement Mode Field Effect Transistor
logo
Alpha & Omega Semicondu...
AO8801 AOSMD-AO8801 Datasheet
109Kb / 4P
Dual P-Channel Enhancement Mode Field Effect Transistor
AO4801 AOSMD-AO4801 Datasheet
110Kb / 4P
Dual P-Channel Enhancement Mode Field Effect Transistor
AO4813 AOSMD-AO4813 Datasheet
185Kb / 4P
Dual P-Channel Enhancement Mode Field Effect Transistor
AO4817 AOSMD-AO4817 Datasheet
107Kb / 4P
Dual P-Channel Enhancement Mode Field Effect Transistor
AO4821 AOSMD-AO4821 Datasheet
116Kb / 4P
Dual P-Channel Enhancement Mode Field Effect Transistor
logo
Diodes Incorporated
BSS84DW DIODES-BSS84DW_1 Datasheet
447Kb / 4P
DUAL P-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30204 Rev. 10 - 2
logo
Chenmko Enterprise Co. ...
CHM2407JPT CHENMKO-CHM2407JPT Datasheet
235Kb / 2P
Dual P-Channel Enhancement Mode Field Effect Transistor
CHM4432JPT CHENMKO-CHM4432JPT Datasheet
204Kb / 2P
Dual P-Channel Enhancement Mode Field Effect Transistor
CHM8531JPT CHENMKO-CHM8531JPT Datasheet
204Kb / 2P
Dual P-Channel Enhancement Mode Field Effect Transistor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com