Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE4953B Datasheet(PDF) 1 Page - ACE Technology Co., LTD.

Part # ACE4953B
Description  Dual P-Channel Enhancement Mode Field Effect Transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE4953B Datasheet(HTML) 1 Page - ACE Technology Co., LTD.

  ACE4953B Datasheet HTML 1Page - ACE Technology Co., LTD. ACE4953B Datasheet HTML 2Page - ACE Technology Co., LTD. ACE4953B Datasheet HTML 3Page - ACE Technology Co., LTD. ACE4953B Datasheet HTML 4Page - ACE Technology Co., LTD. ACE4953B Datasheet HTML 5Page - ACE Technology Co., LTD. ACE4953B Datasheet HTML 6Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
ACE4953B
Dual P-Channel Enhancement Mode Field Effect Transistor
VER 1.2
1
Description
The ACE4953B uses advanced trench technology to provide excellent RDS(ON), and ultra-low low gate
charge. This device is suitable for use as a load switch or in PWM applications.
Features
V
DS
(V)=-20V
I
D=-5.5A (VGS=-10V)
R
DS(ON)
<55
mΩ (V
GS=-10V)
R
DS(ON)
<58
mΩ (V
GS=-4.5V)
R
DS(ON)
<80
mΩ (V
GS=-2.5V)
Absolute Maximum Ratings
Parameter
Symbol
Max
Unit
Drain-Source Voltage
VDSS
-20
V
Gate-Source Voltage
VGSS
±12
V
Drain Current (Continuous) * AC
TA=25
OC
ID
-5.5
A
TA=70
OC
-4.4
Drain Current (Pulse) * B
IDM
-25
A
Power Dissipation
TA=25
OC
PD
2
W
TA=70
OC
1.5
Operating and Storage Temperature Range TJ,TSTG -55 to 150
OC
Packaging Type
SOP-8


Similar Part No. - ACE4953B

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
ACE4953BFM+H VBSEMI-ACE4953BFM+H Datasheet
2Mb / 9P
Dual P-Channel 30-V (D-S) MOSFET
ACE4953BFM-H VBSEMI-ACE4953BFM-H Datasheet
2Mb / 9P
Dual P-Channel 30-V (D-S) MOSFET
More results

Similar Description - ACE4953B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AO7801 ETC-AO7801 Datasheet
537Kb / 4P
Dual P-Channel Enhancement Mode Field Effect Transistor
logo
Alpha & Omega Semicondu...
AO8801 AOSMD-AO8801 Datasheet
109Kb / 4P
Dual P-Channel Enhancement Mode Field Effect Transistor
AO4801 AOSMD-AO4801 Datasheet
110Kb / 4P
Dual P-Channel Enhancement Mode Field Effect Transistor
AO4813 AOSMD-AO4813 Datasheet
185Kb / 4P
Dual P-Channel Enhancement Mode Field Effect Transistor
AO4817 AOSMD-AO4817 Datasheet
107Kb / 4P
Dual P-Channel Enhancement Mode Field Effect Transistor
AO4821 AOSMD-AO4821 Datasheet
116Kb / 4P
Dual P-Channel Enhancement Mode Field Effect Transistor
logo
Diodes Incorporated
BSS84DW DIODES-BSS84DW_1 Datasheet
447Kb / 4P
DUAL P-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30204 Rev. 10 - 2
logo
Chenmko Enterprise Co. ...
CHM2407JPT CHENMKO-CHM2407JPT Datasheet
235Kb / 2P
Dual P-Channel Enhancement Mode Field Effect Transistor
CHM4432JPT CHENMKO-CHM4432JPT Datasheet
204Kb / 2P
Dual P-Channel Enhancement Mode Field Effect Transistor
CHM8531JPT CHENMKO-CHM8531JPT Datasheet
204Kb / 2P
Dual P-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com