Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE8202B Datasheet (PDF) - ACE Technology Co., LTD.

ACE8202B Datasheet PDF - ACE Technology Co., LTD.
Part # ACE8202B
Download  ACE8202B Download
File Size   651.49 Kbytes
Page   7 Pages
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.
Description Dual N-Channel Enhancement Mode Field Effect Transistor with ESD Protection

ACE8202B Datasheet (PDF)

Go To PDF Page Download Datasheet
ACE8202B Datasheet PDF - ACE Technology Co., LTD.

Part # ACE8202B
Download  ACE8202B Click to download

File Size   651.49 Kbytes
Page   7 Pages
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.
Description Dual N-Channel Enhancement Mode Field Effect Transistor with ESD Protection

ACE8202B Datasheet (HTML) - ACE Technology Co., LTD.


ACE8202B Product details

Description

The ACE8202B uses advanced trench technology to provide excellent RDS(ON) and low gate charge. They offer operation over a wide gate drive range from 2.5V to 12V. It is ESD protected. This device is suitable for use as a uni-directional or bi-directional load switch, facilitated by its common-drain configuration.



Features

• VDS(V)=20V

• ID=7.5A (VGS=4.5V)

• RDS(ON)<21 mΩ (VGS=4.5V)

• RDS(ON)<35 mΩ (VGS=2.5V)

• ESD Protected: 2000V



 




Similar Part No. - ACE8202B

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE8204TL ACE-ACE8204TL Datasheet
480Kb / 7P
Dual N-Channel Enhancement Mode Field Effect Transistor with ESD Protection
VER 1.2
ACE8204TLNN+H ACE-ACE8204TLNN+H Datasheet
480Kb / 7P
Dual N-Channel Enhancement Mode Field Effect Transistor with ESD Protection
VER 1.2
ACE8205A ACE-ACE8205A Datasheet
811Kb / 8P
Dual N-Channel Enhancement Mode Field Effect Transistor
VER 1.1
More results


Similar Description - ACE8202B

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDS8926A FAIRCHILD-FDS8926A Datasheet
201Kb / 8P
Dual N-Channel Enhancement Mode Field Effect Transistor
FDS8936A FAIRCHILD-FDS8936A Datasheet
229Kb / 4P
Dual N-Channel Enhancement Mode Field Effect Transistor
FDS9936A FAIRCHILD-FDS9936A Datasheet
416Kb / 8P
Dual N-Channel Enhancement Mode Field Effect Transistor
logo
Diodes Incorporated
DMN2004VK DIODES-DMN2004VK Datasheet
155Kb / 4P
DUAL N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30865 Rev. 2 - 2
logo
ACE Technology Co., LTD...
ACE8601B ACE-ACE8601B Datasheet
658Kb / 7P
Dual N-Channel Enhancement Mode Field Effect Transistor with ESD Protection
VER 1.2
ACE8628B ACE-ACE8628B Datasheet
750Kb / 7P
Dual N-Channel Enhancement Mode Field Effect Transistor with ESD Protection
VER 1.2
ACE8810B ACE-ACE8810B Datasheet
668Kb / 6P
Common Drain N-Channel Enhancement Mode Field Effect Transistor with ESD Protection
VER 1.2
ACE1512E ACE-ACE1512E Datasheet
397Kb / 6P
N-Channel Enhancement Mode Field Effect Transistor with ESD Protection
VER 1.1
ACE2600B ACE-ACE2600B Datasheet
652Kb / 6P
Dual N-Channel Enhancement Mode Field Effect Transistor with ESD Protection
VER 1.2
ACE8204TL ACE-ACE8204TL Datasheet
480Kb / 7P
Dual N-Channel Enhancement Mode Field Effect Transistor with ESD Protection
VER 1.2
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com