Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE1512E Datasheet (PDF) - ACE Technology Co., LTD.

ACE1512E Datasheet PDF - ACE Technology Co., LTD.
Part # ACE1512E
Download  ACE1512E Download
File Size   397.07 Kbytes
Page   6 Pages
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.
Description N-Channel Enhancement Mode Field Effect Transistor with ESD Protection

ACE1512E Datasheet (PDF)

Go To PDF Page Download Datasheet
ACE1512E Datasheet PDF - ACE Technology Co., LTD.

Part # ACE1512E
Download  ACE1512E Click to download

File Size   397.07 Kbytes
Page   6 Pages
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.
Description N-Channel Enhancement Mode Field Effect Transistor with ESD Protection

ACE1512E Datasheet (HTML) - ACE Technology Co., LTD.


ACE1512E Product details

Description
The ACE1512E uses advanced trench technology to provide excellent RDS(ON) and low gate charge. They offer operation over a wide gate drive range from 1.8V to 8V.
It is ESD protected.

Features
• VDS (V)=20V
• ID=6.5A (VGS=4.5V)
• RDS(ON)<21mΩ (VGS=4.5V)
• RDS(ON)<25mΩ (VGS=2.5V)
• RDS(ON)<33mΩ (VGS=1.8V)
• ESD Protected : 2000V




Similar Part No. - ACE1512E

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE1511A ACE-ACE1511A Datasheet
545Kb / 7P
P-Channel Enhancement Mode MOSFET
VER 1.1
More results


Similar Description - ACE1512E

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PHP78NQ03LT PHILIPS-PHP78NQ03LT Datasheet
292Kb / 14P
N-channel enhancement mode field-effect transistor
Rev. 01-14 November 2001
logo
Fairchild Semiconductor
FDC633N FAIRCHILD-FDC633N Datasheet
278Kb / 4P
N-Channel Enhancement Mode Field Effect Transistor
FDT459N FAIRCHILD-FDT459N Datasheet
89Kb / 4P
N-Channel Enhancement Mode Field Effect Transistor
logo
ACE Technology Co., LTD...
ACE8202B ACE-ACE8202B Datasheet
651Kb / 7P
Dual N-Channel Enhancement Mode Field Effect Transistor with ESD Protection
VER 1.2
ACE8212B ACE-ACE8212B Datasheet
838Kb / 9P
Common Drain N-Channel Enhancement Mode Field Effect Transistor with ESD
VER 1.2
ACE8601B ACE-ACE8601B Datasheet
658Kb / 7P
Dual N-Channel Enhancement Mode Field Effect Transistor with ESD Protection
VER 1.2
ACE8628B ACE-ACE8628B Datasheet
750Kb / 7P
Dual N-Channel Enhancement Mode Field Effect Transistor with ESD Protection
VER 1.2
ACE8810B ACE-ACE8810B Datasheet
668Kb / 6P
Common Drain N-Channel Enhancement Mode Field Effect Transistor with ESD Protection
VER 1.2
ACE2600B ACE-ACE2600B Datasheet
652Kb / 6P
Dual N-Channel Enhancement Mode Field Effect Transistor with ESD Protection
VER 1.2
ACE8204TL ACE-ACE8204TL Datasheet
480Kb / 7P
Dual N-Channel Enhancement Mode Field Effect Transistor with ESD Protection
VER 1.2
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com