Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATS-51450D-C1-R0 Datasheet (PDF) - Advanced Thermal Solutions, Inc.

ATS-51450D-C1-R0 Datasheet PDF - Advanced Thermal Solutions, Inc.
Part # ATS-51450D-C1-R0
Download  ATS-51450D-C1-R0 Download
File Size   994.82 Kbytes
Page   1 Pages
Manufacturer  ATS [Advanced Thermal Solutions, Inc.]
Direct Link  http://www.qats.com
Logo ATS - Advanced Thermal Solutions, Inc.
Description maxiFLOW™ maxiGRIP™ HS Assembly- LP, T412, BLACK- ANODIZED

ATS-51450D-C1-R0 Datasheet (PDF)

Go To PDF Page Download Datasheet
ATS-51450D-C1-R0 Datasheet PDF - Advanced Thermal Solutions, Inc.

Part # ATS-51450D-C1-R0
Download  ATS-51450D-C1-R0 Click to download

File Size   994.82 Kbytes
Page   1 Pages
Manufacturer  ATS [Advanced Thermal Solutions, Inc.]
Direct Link  http://www.qats.com
Logo ATS - Advanced Thermal Solutions, Inc.
Description maxiFLOW™ maxiGRIP™ HS Assembly- LP, T412, BLACK- ANODIZED

ATS-51450D-C1-R0 Datasheet (HTML) - Advanced Thermal Solutions, Inc.


ATS-51450D-C1-R0 Product details

maxiFLOW™ design features a low profile, spread fin array that maximizes surface area for more effective convection (air) cooling
maxiGRIP™ attachment applies steady, even pressure to the component and does not require holes in the PCB
Meets Telcordia GR-63-Core Office Vibration; ETSI 300 019 Transportation Vibration; and MIL-STD-810 Shock and Unpackaged Drop
Testing standards
Comes pre-assembled with high performance thermal interface material
Designed for low profile components from 1.5 to 2.99mm
"Keep-Out" Requirements: An "Un-Populated" border zone of 5mm around the component is necessary to facilitate the
Installation/Removal of the maxiGRIP™ . Please refer to the maxiGRIP™ Keep-Out Guidelines and maxiGRIP™ Installation/Removal
Instructions for further details




Similar Part No. - ATS-51450D-C1-R0

ManufacturerPart #DatasheetDescription
logo
Advanced Thermal Soluti...
ATS-51450D-C1-R0 ATS-ATS-51450D-C1-R0_17 Datasheet
315Kb / 1P
Comes preassembled with high performance thermal interface material
Rev - 040517
More results


Similar Description - ATS-51450D-C1-R0

ManufacturerPart #DatasheetDescription
logo
Advanced Thermal Soluti...
ATS-51210D-C1-R0 ATS-ATS-51210D-C1-R0 Datasheet
994Kb / 1P
maxiFLOW™ maxiGRIP™ HS Assembly- LP, T766, BLACK- ANODIZED
Rev - 121101
ATS-51250R-C1-R0 ATS-ATS-51250R-C1-R0 Datasheet
994Kb / 1P
maxiFLOW™ maxiGRIP™ HS Assembly- LP, T766, BLACK- ANODIZED
Rev - 121101
ATS-51325R-C1-R0 ATS-ATS-51325R-C1-R0 Datasheet
994Kb / 1P
maxiFLOW™ maxiGRIP™ HS Assembly- LP, T766, BLACK- ANODIZED
Rev - 121101
ATS-51400D-C1-R0 ATS-ATS-51400D-C1-R0 Datasheet
994Kb / 1P
maxiFLOW™ maxiGRIP™ HS Assembly- LP, T412, BLACK- ANODIZED
Rev - 121101
ATS-51400K-C1-R0 ATS-ATS-51400K-C1-R0 Datasheet
994Kb / 1P
maxiFLOW™ maxiGRIP™ HS Assembly- LP, T412, BLACK- ANODIZED
Rev - 121101
ATS-51400R-C1-R0 ATS-ATS-51400R-C1-R0 Datasheet
994Kb / 1P
maxiFLOW™ maxiGRIP™ HS Assembly- LP, T412, BLACK- ANODIZED
Rev - 121101
ATS-51425D-C1-R0 ATS-ATS-51425D-C1-R0 Datasheet
994Kb / 1P
maxiFLOW™ maxiGRIP™ HS Assembly- LP, T412, BLACK- ANODIZED
Rev - 121101
ATS-51425K-C1-R0 ATS-ATS-51425K-C1-R0 Datasheet
994Kb / 1P
maxiFLOW™ maxiGRIP™ HS Assembly- LP, T412, BLACK- ANODIZED
Rev - 121101
ATS-51425R-C1-R0 ATS-ATS-51425R-C1-R0 Datasheet
994Kb / 1P
maxiFLOW™ maxiGRIP™ HS Assembly- LP, T412, BLACK- ANODIZED
Rev - 121101
ATS-51450K-C1-R0 ATS-ATS-51450K-C1-R0 Datasheet
994Kb / 1P
maxiFLOW™ maxiGRIP™ HS Assembly- LP, T412, BLACK- ANODIZED
Rev - 121101
More results




About Advanced Thermal Solutions, Inc.


Advanced Thermal Solutions, Inc (ATS) is a leading provider of thermal management solutions for a variety of industries including electronics, telecommunications, and medical devices.

The company was founded in 2003 and is headquartered in Norwood, Massachusetts, USA.

ATS offers a wide range of products including thermal interface materials, heat sinks, fans, and other cooling solutions.

The company is known for its expertise in thermal management, innovation, and high-quality products.

ATS works closely with customers to provide customized thermal management solutions that meet their specific requirements and needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com