Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATS-51450D-C1-R0 Datasheet(PDF) 1 Page - Advanced Thermal Solutions, Inc.

Part # ATS-51450D-C1-R0
Description  maxiFLOW™ maxiGRIP™ HS Assembly- LP, T412, BLACK- ANODIZED
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATS [Advanced Thermal Solutions, Inc.]
Direct Link  http://www.qats.com
Logo ATS - Advanced Thermal Solutions, Inc.

ATS-51450D-C1-R0 Datasheet(HTML) 1 Page - Advanced Thermal Solutions, Inc.

  ATS-51450D-C1-R0 Datasheet HTML 1Page - Advanced Thermal Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Rev - 121101
Ultra High Performance BGA Cooling Solutions
w/ maxiGRIP™ Attachment
*Image above is for illustration purpose only.
ATS Part#:
ATS-51450D-C1-R0
Description:
maxiFLOW™ maxiGRIP™ HS Assembly- LP, T412, BLACK- ANODIZED
Heat Sink Type:
maxiFLOW
Heat Sink Attachment:
maxiGRIP
Equivalent Part Number:
ATS-51450D-C2-R0
Features & Benefits
maxiFLOW™ design features a low profile, spread fin array that maximizes surface area for more effective convection (air) cooling
maxiGRIP™ attachment applies steady, even pressure to the component and does not require holes in the PCB
Meets Telcordia GR-63-Core Office Vibration; ETSI 300 019 Transportation Vibration; and MIL-STD-810 Shock and Unpackaged Drop
Testing standards
Comes pre-assembled with high performance thermal interface material
Designed for low profile components from 1.5 to 2.99mm
"Keep-Out" Requirements: An "Un-Populated" border zone of 5mm around the component is necessary to facilitate the
Installation/Removal of the maxiGRIP™ . Please refer to the maxiGRIP™ Keep-Out Guidelines and maxiGRIP™ Installation/Removal
Instructions for further details.
Thermal Performance
AIR VELOCITY
@200 LFM
1.0 M/S
@300 LFM
1.5 M/S
@400 LFM
2.0 M/S
@500 LFM
2.5 M/S
@600 LFM
3.0 M/S
@700 LFM
3.5 M/S
@800 LFM
4.0 M/S
THERMAL RESISTANCE
Unducted Flow
3.96 °C/W
2.87 °C/W
2.40 °C/W
2.12 °C/W
1.92 °C/W
1.78 °C/W
1.66 °C/W
Ducted Flow
2.30
n/a
n/a
n/a
n/a
n/a
n/a
Product Detail
Schematic Image
Dimension A
Dimension B
Dimension C
Dimension D
TIM
Finish
*Image above is for illustration purpose only.
45.0 mm
45.0 mm
9.5 mm
61.5 mm
T412
BLACK- ANODIZED
Notes:
Dimension A and B refer to component size.
Dimension C is the heat sink height from the bottom of the base to the top of the fin field.
ATS-51450D-C2-R0 is the exact heat sink assembly with an equivalent thermal interface material
(Saint Gobain C675).
Thermal performance data are provided for reference only. Actual performance may vary by
application.
ATS reserves the right to update or change its products without notice to improve the design or
performance.
ATS certifies that this heat sink assembly is RoHS-6 and REACH compliant.
Optional maxiGRIP™ Installation/Removal Tool Set P/N: MGT450
Contact ATS to learn about custom options available.
For more information, to find a distributor or to place an order, please contact us at
781-769-2800 (North America), sales@qats.com or www.qats.com.
© 2012 Advanced Thermal Solutions, Inc. | 89-27 Access Road | Norwood MA | 02062 | USA


Similar Part No. - ATS-51450D-C1-R0

ManufacturerPart #DatasheetDescription
logo
Advanced Thermal Soluti...
ATS-51450D-C1-R0 ATS-ATS-51450D-C1-R0_17 Datasheet
315Kb / 1P
Comes preassembled with high performance thermal interface material
Rev - 040517
More results

Similar Description - ATS-51450D-C1-R0

ManufacturerPart #DatasheetDescription
logo
Advanced Thermal Soluti...
ATS-51210D-C1-R0 ATS-ATS-51210D-C1-R0 Datasheet
994Kb / 1P
maxiFLOW™ maxiGRIP™ HS Assembly- LP, T766, BLACK- ANODIZED
Rev - 121101
ATS-51250R-C1-R0 ATS-ATS-51250R-C1-R0 Datasheet
994Kb / 1P
maxiFLOW™ maxiGRIP™ HS Assembly- LP, T766, BLACK- ANODIZED
Rev - 121101
ATS-51325R-C1-R0 ATS-ATS-51325R-C1-R0 Datasheet
994Kb / 1P
maxiFLOW™ maxiGRIP™ HS Assembly- LP, T766, BLACK- ANODIZED
Rev - 121101
ATS-51400D-C1-R0 ATS-ATS-51400D-C1-R0 Datasheet
994Kb / 1P
maxiFLOW™ maxiGRIP™ HS Assembly- LP, T412, BLACK- ANODIZED
Rev - 121101
ATS-51400K-C1-R0 ATS-ATS-51400K-C1-R0 Datasheet
994Kb / 1P
maxiFLOW™ maxiGRIP™ HS Assembly- LP, T412, BLACK- ANODIZED
Rev - 121101
ATS-51400R-C1-R0 ATS-ATS-51400R-C1-R0 Datasheet
994Kb / 1P
maxiFLOW™ maxiGRIP™ HS Assembly- LP, T412, BLACK- ANODIZED
Rev - 121101
ATS-51425D-C1-R0 ATS-ATS-51425D-C1-R0 Datasheet
994Kb / 1P
maxiFLOW™ maxiGRIP™ HS Assembly- LP, T412, BLACK- ANODIZED
Rev - 121101
ATS-51425K-C1-R0 ATS-ATS-51425K-C1-R0 Datasheet
994Kb / 1P
maxiFLOW™ maxiGRIP™ HS Assembly- LP, T412, BLACK- ANODIZED
Rev - 121101
ATS-51425R-C1-R0 ATS-ATS-51425R-C1-R0 Datasheet
994Kb / 1P
maxiFLOW™ maxiGRIP™ HS Assembly- LP, T412, BLACK- ANODIZED
Rev - 121101
ATS-51450K-C1-R0 ATS-ATS-51450K-C1-R0 Datasheet
994Kb / 1P
maxiFLOW™ maxiGRIP™ HS Assembly- LP, T412, BLACK- ANODIZED
Rev - 121101
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com