Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DB202 Datasheet (PDF) - Leshan Radio Company

DB202 Datasheet PDF - Leshan Radio Company
Part # DB202
Download  DB202 Download
File Size   200.82 Kbytes
Page   3 Pages
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company
Description High Current Glass Passivated Molding Single-Phase Bridge Rectifier

DB202 Datasheet (PDF)

Go To PDF Page Download Datasheet
DB202 Datasheet PDF - Leshan Radio Company

Part # DB202
Download  DB202 Click to download

File Size   200.82 Kbytes
Page   3 Pages
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company
Description High Current Glass Passivated Molding Single-Phase Bridge Rectifier

DB202 Datasheet (HTML) - Leshan Radio Company


DB202 Product details

Reverse Voltage 100 to 1000V Forward Current 2.0 A



FEATURES

Plastic Package has Underwriters Laboratory

  Flammability Classification 94V-0

High current capacity with small package

Glass passivated chip junctions

Superior thermal conductivity

High IFSM




Similar Part No. - DB202

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
DB202 LUGUANG-DB202 Datasheet
152Kb / 2P
Silicon Bridge Rectifiers
logo
Formosa MS
DB202 FORMOSA-DB202 Datasheet
1Mb / 6P
Bridge Rectifier
logo
Guangdong Juxing Electr...
DB202 JUXING-DB202 Datasheet
795Kb / 2P
BRIDGE RECTIFIERS
logo
Goodwork Semiconductor ...
DB202 GWSEMI-DB202 Datasheet
63Kb / 2P
SINGLE PHASE 2.0 AMP BRIDGE RECTIFIERS
logo
DONGGUAN YOU FENG WEI E...
DB202 YFWDIODE-DB202 Datasheet
202Kb / 2P
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER
More results


Similar Description - DB202

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
GBL401 WEITRON-GBL401 Datasheet
222Kb / 3P
High Current Glass Passivated Molding Single-Phase Bridge Rectifier
logo
Leshan Radio Company
D2KB10 LRC-D2KB10 Datasheet
228Kb / 3P
High Current Glass Passivated Molding Single-Phase Bridge Rectifier
D3KB10 LRC-D3KB10 Datasheet
190Kb / 3P
High Current Glass Passivated Molding Single-Phase Bridge Rectifier
D4KB10 LRC-D4KB10 Datasheet
210Kb / 3P
High Current Glass Passivated Molding Single-Phase Bridge Rectifier
D10SB10 LRC-D10SB10_12 Datasheet
243Kb / 3P
High Current Glass Passivated Molding Single-Phase Bridge Rectifier
D20SB10 LRC-D20SB10_12 Datasheet
317Kb / 3P
High Current Glass Passivated Molding Single-Phase Bridge Rectifier
DB202S LRC-DB202S Datasheet
185Kb / 3P
High Current Glass Passivated Molding Single-Phase Bridge Rectifier
GBU20B LRC-GBU20B Datasheet
236Kb / 3P
High Current Glass Passivated Molding Single-Phase Bridge Rectifier
MP3510W LRC-MP3510W Datasheet
211Kb / 4P
High Current Glass Passivated Molding Single-Phase Bridge Rectifier
ABS10 LRC-ABS10 Datasheet
673Kb / 4P
High Current Glass Passivated Molding Single-Phase Bridge Rectifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com