Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VKA100LS03FC Datasheet (PDF) - Murata Manufacturing Co., Ltd.

VKA100LS03FC Datasheet PDF - Murata Manufacturing Co., Ltd.
Part # VKA100LS03FC
Download  VKA100LS03FC Download
File Size   344.37 Kbytes
Page   4 Pages
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.
Description 100 Watt Adjustable Output DC/DC Converter

VKA100LS03FC Datasheet (PDF)

Go To PDF Page Download Datasheet
VKA100LS03FC Datasheet PDF - Murata Manufacturing Co., Ltd.

Part # VKA100LS03FC
Download  VKA100LS03FC Click to download

File Size   344.37 Kbytes
Page   4 Pages
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.
Description 100 Watt Adjustable Output DC/DC Converter

VKA100LS03FC Datasheet (HTML) - Murata Manufacturing Co., Ltd.


VKA100LS03FC Product details

100 Watt Adjustable Output DC/DC Converter

The VKA100xSC Series DC/DC converters present an economical and practical solution for distributed power system architectures which require high power density and effi ciency while maintaining system modularity and upgradeability. With the ability to operate over a wide input voltage range of 18 to 36 and 33 to 75 volts, these modules are ideal for use in battery backup applications common in today’s telecommunication and electronic data processing applications. The output is fully isolated from the input, allowing for a variety of polarity and grounding configurations.

■ RoHS Compliant
■ 33 - 75V Input Range
■ High Effi ciency: 87% Typical at 5V
■ 100mS Transient Response 50- 100% Load Step
■ 420 kHz Fixed-Frequency Operation
■ Remote Sense
■ Operation to +100°C Baseplate Temperature
■ Primary Remote On/Off, Choice of Pos/Neg Logic
■ Adjustable Output Voltage
■ Continuout Short-Circuit Protection
■ Thermal Shutdown
■ Case Ground Pin




Similar Part No. - VKA100LS03FC

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
VKA100LS03F CANDD-VKA100LS03F Datasheet
463Kb / 4P
100 WATT SINGLE OUTPUT HALF BRICK DC/DC CONVERTER
More results


Similar Description - VKA100LS03FC

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
IHB100T CANDD-IHB100T Datasheet
265Kb / 4P
100 WATT TRIPLE OUTPUT HALF BRICK DC/DC CONVERTER
VKA100XS CANDD-VKA100XS Datasheet
463Kb / 4P
100 WATT SINGLE OUTPUT HALF BRICK DC/DC CONVERTER
VKP100XT CANDD-VKP100XT Datasheet
833Kb / 6P
100 WATT TRIPLE OUTPUT HALF BRICK DC/DC CONVERTER
logo
Wall Industries,Inc.
DCSD-100 WALL-DCSD-100 Datasheet
170Kb / 3P
100 Watt Single Output Chassis Mount DC/DC Converter
logo
Murata Power Solutions ...
IHB100S4803C MURATA-PS-IHB100S4803C Datasheet
148Kb / 4P
100 Watt Single Output Half Brick DC/DC Converter
IHB100T480312C MURATA-PS-IHB100T480312C Datasheet
151Kb / 4P
100 Watt Triple Output Half Brick DC/DC Converter
VKP100MT312C MURATA-PS-VKP100MT312C Datasheet
212Kb / 6P
100 Watt, Dual/Triple Output, Half Brick DC/DC Converter
VKP100MT312 MURATA-PS-VKP100MT312 Datasheet
296Kb / 6P
100 Watt, Dual/Triple Output, Half Brick DC/DC Converter
logo
TECHNOLOGY ASSISTANCE B...
XTDRSP-1500-12 TAB-XTDRSP-1500-12 Datasheet
186Kb / 2P
1500 WATT SINGLE OUTPUT DC-DC CONVERTER
logo
Wall Industries,Inc.
SU33S33 WALL-SU33S33 Datasheet
253Kb / 4P
1 Watt DC/DC Converter Single Output
More results




About Murata Manufacturing Co., Ltd.


Murata Manufacturing Co., Ltd. is a Japanese multinational electronics company headquartered in Nagaokakyo, Kyoto, Japan.
The company was founded in 1944 and has since become a leading manufacturer of electronic components, including ceramic capacitors, wireless communication modules, and sensors.
Murata also offers a wide range of other products and solutions such as battery management systems, power supplies, and energy harvesting systems.
The company operates globally and has a strong reputation for quality and innovation in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com