Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VKP100XT Datasheet (PDF) - C&D Technologies

VKP100XT Datasheet PDF - C&D Technologies
Part # VKP100XT
Download  VKP100XT Download
File Size   833.66 Kbytes
Page   6 Pages
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies
Description 100 WATT TRIPLE OUTPUT HALF BRICK DC/DC CONVERTER

VKP100XT Datasheet (PDF)

Go To PDF Page Download Datasheet
VKP100XT Datasheet PDF - C&D Technologies

Part # VKP100XT
Download  VKP100XT Click to download

File Size   833.66 Kbytes
Page   6 Pages
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies
Description 100 WATT TRIPLE OUTPUT HALF BRICK DC/DC CONVERTER

VKP100XT Datasheet (HTML) - C&D Technologies


VKP100XT Product details

100 Watt Triple Output Half Brick DC/DC Converter

The VKP100xT Series are members of the VK high density DC/DC converter family. They are multiple output DC/DC converters offered in a 33-75 input voltage range. Their versatile architecture featuring fully isolated channels enables the system designer to utilize the converter in either a single, dual or triple output scheme without excessive minimum load requirements or cross regulation degradation.

● 18 - 40 & 33 - 75V Input Range
● 2.3" X 2.4" X 0.5"
● User Configurable as a Single, Dual or Triple Output
● Each Channel Independently Current Limited
● Excellent Cross Regulation
● 500VDC Channel to Channel Isolation
● High Efficiency: 88% Typical
● Fixed-Frequency Operation
● Operation to +100°C Baseplate Temperature
● 50µS Transient Recovery, 0-90% Load Step
● Primary & Secondary Remote On/Off
● Adjustable Output Voltage
● External Synchronization
● VKP100MT Series are Approved to UL/CUL1950, EN 60950




Similar Part No. - VKP100XT

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
VKP100MT312 MURATA-PS-VKP100MT312 Datasheet
296Kb / 6P
100 Watt, Dual/Triple Output, Half Brick DC/DC Converter
VKP100MT312C MURATA-PS-VKP100MT312C Datasheet
212Kb / 6P
100 Watt, Dual/Triple Output, Half Brick DC/DC Converter
VKP100MT315 MURATA-PS-VKP100MT315 Datasheet
296Kb / 6P
100 Watt, Dual/Triple Output, Half Brick DC/DC Converter
VKP100MT315C MURATA-PS-VKP100MT315C Datasheet
212Kb / 6P
100 Watt, Dual/Triple Output, Half Brick DC/DC Converter
VKP100MT512 MURATA-PS-VKP100MT512 Datasheet
296Kb / 6P
100 Watt, Dual/Triple Output, Half Brick DC/DC Converter
More results


Similar Description - VKP100XT

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
IHB100T CANDD-IHB100T Datasheet
265Kb / 4P
100 WATT TRIPLE OUTPUT HALF BRICK DC/DC CONVERTER
IHB60T CANDD-IHB60T Datasheet
282Kb / 4P
60 WATT TRIPLE OUTPUT HALF BRICK DC/DC CONVERTER
VKA100XS CANDD-VKA100XS Datasheet
463Kb / 4P
100 WATT SINGLE OUTPUT HALF BRICK DC/DC CONVERTER
VKP60XT CANDD-VKP60XT Datasheet
833Kb / 6P
60 WATT TRIPLE OUTPUT HALF BRICK DC/DC CONVERTER
logo
Murata Power Solutions ...
IHB100S4803C MURATA-PS-IHB100S4803C Datasheet
148Kb / 4P
100 Watt Single Output Half Brick DC/DC Converter
IHB100T480312C MURATA-PS-IHB100T480312C Datasheet
151Kb / 4P
100 Watt Triple Output Half Brick DC/DC Converter
VKP60LT312C MURATA-PS-VKP60LT312C Datasheet
335Kb / 7P
60 Watt Triple Output Half Brick DC/DC Converter
VKP100MT312C MURATA-PS-VKP100MT312C Datasheet
212Kb / 6P
100 Watt, Dual/Triple Output, Half Brick DC/DC Converter
VKP100MT312 MURATA-PS-VKP100MT312 Datasheet
296Kb / 6P
100 Watt, Dual/Triple Output, Half Brick DC/DC Converter
logo
AIMTEC
AM100HB-UZ AIMTEC-AM100HB-UZ Datasheet
403Kb / 4P
100 Watt | Half Brick DC-DC Converter
More results




About C&D Technologies


C&D Technologies, Inc. is a company that specializes in the design, manufacture, and marketing of electrical power storage and conversion systems. The company was founded in 1906 and is based in Pennsylvania, USA.

C&D Technologies offers a wide range of products, including batteries, chargers, inverters, and power supplies, which are used in a variety of industries, including telecommunications, energy storage, and transportation. The company's batteries are used in a variety of applications, including backup power systems for critical facilities, renewable energy systems, and uninterruptible power supplies (UPS).

In addition to its products, C&D Technologies also offers a range of services, including installation, commissioning, and maintenance of its power storage and conversion systems. The company is committed to providing high-quality and reliable products and services to its customers and has a strong focus on innovation and sustainability.

C&D Technologies has operations in North America, Europe, and Asia, and serves customers in more than 100 countries around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com